データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS256MCF100I データシート(PDF) 7 Page - Transcend Information. Inc.

部品番号 TS256MCF100I
部品情報  Industrial CF Card
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MCF100I データシート(HTML) 7 Page - Transcend Information. Inc.

Back Button TS256MCF100I Datasheet HTML 3Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 4Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 5Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 6Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 7Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 8Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 9Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 10Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 11Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
T
T
Trrra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttrrriiia
a
alll C
C
CF
F
F C
C
Ca
a
arrrd
d
d
(((T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GC
C
CF
F
F1
1
10
0
00
0
0III)))
Transcend Information Inc.
V1.2
7
Signal Description
Signal Name
Dir.
Pin
Description
A10 – A00
(PC Card Memory Mode)
A10 – A00
(PC Card I/O Mode)
A02 - A00
(True IDE Mode)
I
I
8,10,11,12,
14,15,16,17,
18,19,20
18,19,20
These address lines along with the -REG signal are used to select the following:
The I/O port address registers within the CompactFlash Storage Card , the
memory mapped port address registers within the CompactFlash Storage Card,
a byte in the card's information structure and its configuration control and status
registers.
This signal is the same as the PC Card Memory Mode signal.
In True IDE Mode, only A[02:00] are used to select the one of eight registers
in the Task File, the remaining address lines should be grounded by the
host.
BVD1
(PC Card Memory Mode)
-STSCHG
(PC Card I/O Mode)
Status Changed
-PDIAG
(True IDE Mode)
I/O
46
This signal is asserted high, as BVD1 is not supported.
This signal is asserted low to alert the host to changes in the READY and Write
Protect states, while the I/O interface is configured. Its use is controlled by the
Card Config and Status Register.
In the True IDE Mode, this input / output is the Pass Diagnostic signal in the
Master / Slave handshake protocol.
BVD2
(PC Card Memory Mode)
-SPKR
(PC Card I/O Mode)
-DASP
(True IDE Mode)
I/O
45
This signal is asserted high, as BVD2 is not supported.
This line is the Binary Audio output from the card. If the Card does not support
the Binary Audio function, this line should be held negated.
In the True IDE Mode, this input/output is the Disk Active/Slave Present signal in
the Master/Slave handshake protocol.
-CD1, -CD2
(PC Card Memory Mode)
-CD1, -CD2
(PC Card I/O Mode)
-CD1, -CD2
(True IDE Mode)
O
26,25
These Card Detect pins are connected to ground on the CompactFlash Storage
Card. They are used by the host to determine that the CompactFlash Storage
Card is fully inserted into its socket.
This signal is the same for all modes.
This signal is the same for all modes.


同様の部品番号 - TS256MCF100I

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS256MCF100I TRANSCEND-TS256MCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS256MCF100I-P TRANSCEND-TS256MCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
More results

同様の説明 - TS256MCF100I

メーカー部品番号データシート部品情報
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
   Apacer industrial CS710-CF card
CM710-CF APACER-CM710-CF Datasheet
2Mb / 5P
   Apacer industrial CM710-CF card
logo
Transcend Information. ...
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
logo
List of Unclassifed Man...
AP-CF128ME3NR-NRQ ETC2-AP-CF128ME3NR-NRQ Datasheet
191Kb / 19P
   Compact Flash Series ??Industrial CF Specifications
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
   Memory card - 16GB CF
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
logo
3M Electronics
91736 3M-91736 Datasheet
424Kb / 5P
   3M??CF Card Header
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
   USB2.0 CF Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com