データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS2GJFV35 データシート(PDF) 2 Page - Transcend Information. Inc.

部品番号 TS2GJFV35
部品情報  2GB USB2.0 JetFlash?줧35
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRANSCEND [Transcend Information. Inc.]
ホームページ  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GJFV35 データシート(HTML) 2 Page - Transcend Information. Inc.

  TS2GJFV35 Datasheet HTML 1Page - Transcend Information. Inc. TS2GJFV35 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GJ
J
JF
F
FV
V
V3
3
35
5
5
2GB USB2.0 JetFlash™V35
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
2GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 20MB/sec (max.), Write: 6MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI, C-tick
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


同様の部品番号 - TS2GJFV35

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS2GJFV33 TRANSCEND-TS2GJFV33 Datasheet
49Kb / 2P
   2GB USB2.0 JetFlash?줧33
More results

同様の説明 - TS2GJFV35

メーカー部品番号データシート部品情報
logo
Transcend Information. ...
TS1GJFV35 TRANSCEND-TS1GJFV35 Datasheet
65Kb / 2P
   1GB USB2.0 JetFlash?줧35
TS4GJFV35 TRANSCEND-TS4GJFV35 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줧35
TS8GJFV35 TRANSCEND-TS8GJFV35 Datasheet
58Kb / 2P
   8GB USB2.0 JetFlash?줧35
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF185 TRANSCEND-TS2GJF185 Datasheet
54Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
List of Unclassifed Man...
TS2GJFV90C ETC2-TS2GJFV90C Datasheet
123Kb / 3P
   2GB USB2.0 JETFLASH
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS2GJFV90C TRANSCEND-TS2GJFV90C Datasheet
45Kb / 2P
   2GB USB2.0 JetFlash?줧90C
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com