データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLYU1002A データシート(PDF) 3 Page - Marktech Corporate

部品番号 TLYU1002A
部品情報  TOSHIBA LED Lamps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYU1002A データシート(HTML) 3 Page - Marktech Corporate

  TLYU1002A Datasheet HTML 1Page - Marktech Corporate TLYU1002A Datasheet HTML 2Page - Marktech Corporate TLYU1002A Datasheet HTML 3Page - Marktech Corporate TLYU1002A Datasheet HTML 4Page - Marktech Corporate TLYU1002A Datasheet HTML 5Page - Marktech Corporate TLYU1002A Datasheet HTML 6Page - Marktech Corporate TLYU1002A Datasheet HTML 7Page - Marktech Corporate TLYU1002A Datasheet HTML 8Page - Marktech Corporate TLYU1002A Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TL(RU,SU,OU,AU,YU,GU,PGU)1002A(T02)
2006-06-13
3
Optical Characteristics–1 (Ta = 25°C)
Luminous Intensity IV
Product Name
Min
Typ.
Max
IF
Available Iv rank
Please see Note 2
TLRU1002A
4.76
45
20
H / J / K / L
TLSU1002A
27.2
60
20
L / M / N / P
TLOU1002A
27.2
78
20
L / M / N / P
TLAU1002A
8.5
30
20
J / K / L / M
TLYU1002A
8.5
30
20
J / K / L / M
TLGU1002A
8.5
30
20
J / K / L / M
TLPGU1002A
1.53
6
20
F / G / H / J
Unit
mcd
mcd
mcd
mA
Note 2: The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Luminous Intensity IV
Rank
Min
Min
F
1.53
4.14
G
2.72
7.36
H
4.76
12.9
J
8.5
23
K
15.3
41.4
L
27.2
73.6
M
47.6
129
N
85
230
P
153
414
Unit
mcd
mcd
Optical Characteristics–2 (Ta = 25°C)
Emission Spectrum
Peak Emission
Wavelength
λp
∆λ
Dominant Wavelength
λd
Product Name
Min
Typ.
Max
Typ.
Min
Typ.
Max
IF
TLRU1002A
644
15
624
630
638
TLSU1002A
636
17
617
623
631
TLOU1002A
612
15
599
605
613
TLAU1002A
596
13
585
592
599
TLYU1002A
590
15
580
587
595
TLGU1002A
574
13
565
571
576
TLPGU1002A
562
13
557
564
20
Unit
nm
nm
nm
mA
The cautions
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by the IR light.
• This product is designed as a general display light source usage, and it has applied the measurement standard
that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of functional
application (ex. Light source for sensor, optical communication and etc) except general display light source.


同様の部品番号 - TLYU1002A

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLYU1002A TOSHIBA-TLYU1002A Datasheet
582Kb / 19P
   LED LAMP PANEL CIRCUIT INDICATOR
TLYU1002A TOSHIBA-TLYU1002A Datasheet
324Kb / 17P
   Panel Circuit Indicator
TLYU1002A TOSHIBA-TLYU1002A Datasheet
270Kb / 17P
   Panel Circuit Indicator
TLYU1002A TOSHIBA-TLYU1002A Datasheet
270Kb / 17P
   TLOU1002AT02
More results

同様の説明 - TLYU1002A

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com