データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA1640FP データシート(PDF) 4 Page - Cystech Electonics Corp.

部品番号 BTA1640FP
部品情報  PNP Epitaxial Planar Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1640FP データシート(HTML) 4 Page - Cystech Electonics Corp.

  BTA1640FP_07 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1640FP_07 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1640FP_07 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1640FP_07 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C657FP
Issued Date : 2004.09.01
Revised Date :2007.12.27
Page No. : 4/4
BTA1640FP
CYStek Product Specification
TO-220FP Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.169
0.185
4.300
4.700
D
0.392
0.408
9.960
10.360
A1
0.051 REF
1.300 REF
E
0.583
0.598
14.800
15.200
A2
0.110
0.126
2.800
3.200
e
0.100 TYP
2.540 TYP
A3
0.098
0.114
2.500
2.900
F
0.106 REF
2.700 REF
b
0.020
0.030
0.500
0.750
Φ
0.138 REF
3.500 REF
b1
0.043
0.053
1.100
1.350
L
1.102
1.118
28.000
28.400
b2
0.059
0.069
1.500
1.750
L1
0.067
0.075
1.700
1.900
c
0.020
0.030
0.500
0.750
L2
0.075
0.083
1.900
2.100
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Style: Pin 1.Base 2.Collector 3.Emitter
4.Collector
3-Lead TO-220FP Plastic Package
CYStek Package Code: FP
Marking:
A1640


同様の部品番号 - BTA1640FP_07

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
163Kb / 4P
   PNP Epitaxial Planar Power Transistor
More results

同様の説明 - BTA1640FP_07

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BTP949L3 CYSTEKEC-BTP949L3 Datasheet
210Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
163Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640J3 CYSTEKEC-BTA1640J3 Datasheet
242Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640F3 CYSTEKEC-BTA1640F3 Datasheet
248Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640I3 CYSTEKEC-BTA1640I3 Datasheet
227Kb / 5P
   PNP Epitaxial Planar Power Transistor
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
   SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
logo
Cystech Electonics Corp...
TIP32CE3 CYSTEKEC-TIP32CE3 Datasheet
150Kb / 4P
   3A PNP Epitaxial Planar Power Transistor
BCP69L3 CYSTEKEC-BCP69L3 Datasheet
172Kb / 4P
   Medium Power PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com