データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317E3 データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 LM317E3
部品情報  Three Terminal Adjustable Output Positive Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM317E3 データシート(HTML) 6 Page - Cystech Electonics Corp.

Back Button LM317E3 Datasheet HTML 2Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 3Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 4Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 5Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 6Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 7Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 8Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 9Page - Cystech Electonics Corp. LM317E3 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C513E3
Issued Date : 2003.04.09
Revised Date :2005.05.17
Page No. : 6/10
LM317E3
CYStek Product Specification
+
Cin
0.1µF
Adjust
Vin
Vout
PL317
R2
1%
R1
1%
Co
1µF
RL
Vo
+
D1 *
CAdj
10µF
1N4002
Vout=10V
* D1 Discharges CAdj if output is shorted to ground
24V
14V
f=120Hz
Application Information
Basic Circuit Operation
The LM317 is a 3-terminal floating regulator. In operation, the LM317 develops and maintains a nominal
1.25V reference (Vref) between its output and adjustment terminals. This reference voltage is converted
to a programming current (Iprog) by R1(see Fig 5), and this constant current flows through R2 to ground.
The regulated output voltage is given by:
Vout=Vref
(1+R2/R1)+IAdjR2
Since the current from the adjustment terminal (IAdj) represents an error term in the equation, the LM317
was designed to control IAdj to less than 100 µA and keep it constant. To do this, all quiescent operating
current is returned to the output terminal. This imposes the requirement for a minimum load current. If
the load current is less than this minimum, the output voltage will rise.
Since the LM317 is a floating regulator, it is only the voltage differential across the circuit which is
important to performance, and operation at high voltages with respect to ground is possible.
R1
R2
Vout
Adjust
Vin
Vout
IAdj
PL317
Iprog
Vref
Vref=1.25V typical
Fig 4. Ripple Rejection Test Circuit
Fig 5. Basic Circuit Configuration
LM317
LM317


同様の部品番号 - LM317E3

メーカー部品番号データシート部品情報
logo
First Components Intern...
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
National Semiconductor ...
LM317EMP NSC-LM317EMP Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM317EMP NSC-LM317EMP Datasheet
1,013Kb / 28P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
   HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM317EMP TI1-LM317EMP Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
More results

同様の説明 - LM317E3

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
IK Semicon Co., Ltd
IL317 IKSEMICON-IL317 Datasheet
299Kb / 5P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com