データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLSK1100CT11 データシート(PDF) 11 Page - Marktech Corporate

部品番号 TLSK1100CT11
部品情報  TOSHIBA LED Lamps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARKTECH [Marktech Corporate]
ホームページ  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLSK1100CT11 データシート(HTML) 11 Page - Marktech Corporate

Back Button TLSK1100CT11 Datasheet HTML 6Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 7Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 8Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 9Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 10Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 11Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 12Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 13Page - Marktech Corporate TLSK1100CT11 Datasheet HTML 14Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TL(RK,RMK,SK,OK,YK)1100C(T11)
2007-04-19
11
HOL-0206
Tentative
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES
: (made by ASAHI GLASS)
KAO CLEAN TROUGH 750H
: (made by KAO)
PINE ALPHA ST-100S
: (made by ARAKAWA CHEMICAL)
TOSHIBA TECHNOCARE
: (made by GE TOSHIBA SILICONES)
(FRW-17, FRW-1, FRV-100)
Precautions when Mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
Tape Specifications
1.
Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The
method of classification is as below. (this method, however does not apply to products whose electrical
characteristics differ from standard Toshiba specifications)
(1)
Tape Type: T11 (4-mm pitch)
(2)
Example
2.
Tape dimensions
Unit: mm
Symbol
Dimension
Tolerance
Symbol
Dimension
Tolerance
D
1.5
+0.1/−0
P2
2.0
±0.05
E
1.75
±0.1
W
8.0
±0.3
P0
4.0
±0.1
P
4.0
±0.1
t
0.3
±0.05
A0
2.9
±0.1
F
3.5
±0.05
B0
3.7
±0.1
D1
1.5
±0.1
K0
2.3
±0.1
TLYK1100C (T11)
Tape type
Toshiba product No.
A0
P
D1
F
E
W
Polarity
t
K0
B0
D
P2
P0


同様の部品番号 - TLSK1100CT11

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TLSK1100CT11 TOSHIBA-TLSK1100CT11 Datasheet
323Kb / 13P
   Panel Circuit Indicators
More results

同様の説明 - TLSK1100CT11

メーカー部品番号データシート部品情報
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com