データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM432BA3 データシート(PDF) 7 Page - Cystech Electonics Corp.

部品番号 LM432BA3
部品情報  Adjustable shunt regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM432BA3 データシート(HTML) 7 Page - Cystech Electonics Corp.

  LM432BA3 Datasheet HTML 1Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 2Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 3Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 4Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 5Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 6Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 7Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 8Page - Cystech Electonics Corp. LM432BA3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C504N3
Issued Date : 2003.03.21
Revised Date : 2005.10.07
Page No. : 7/9
LM432XA3/N3
CYStek Product Specification
15k
8.25k
PL432
232
Iz
OUT
GND
10£gF
Applications Information - Stability
Selection of load capacitance when using LM432 as a shunt regulator
When the LM432 is used as a shunt regulator, two options for selection of CL(see diagram on page 6)
are recommended for optimal stability:
1) No load capacitance across the device, decouple at the load.
2) Large capacitance across the device, optimal decoupling at the load.
The reason for this is that LM432 exhibits instability with capacitances in the range of 10nF to 1μF
(approx.) at light cathode currents(up to 3mA typical). The device is less stable the lower the cathode
voltage has been set for. Therefore while the device will be perfectly stable operating at a cathode
current of (say) 10mA with a 0.1μF capacitor across it, it will oscillate transiently during start-up as the
cathode current passes through the instability region. Selecting a very low (or preferably, no) capaci-
tance, or alternatively a high capacitance(such as 10μF) will avoid this issue altogether. Since the user
will probably wish to have local decoupling at the load anyway, the most cost effective method is to use
no capacitance at all directly across the device. PCB trace/via resistance and inductance prevent the
local load decoupling from causing the oscillation during the transient start-up phase.
Note : if the LM432 is located right at the load, so the load decoupling capacitor is directly across it,
then this capacitor will have to be ≤1nF or ≥10μF.
Iz
R1
R2
PL432
R
CL
LM432
LM432


同様の部品番号 - LM432BA3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM432 NSC-LM432 Datasheet
61Kb / 3P
   Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Texas Instruments
LM432 TI1-LM432 Datasheet
683Kb / 9P
[Old version datasheet]   LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Connor-Winfield Corpora...
LM432-155.52M CONNOR-WINFIELD-LM432-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM432MA NSC-LM432MA Datasheet
61Kb / 3P
   Dual Op Amp with On-Chip Fixed 2.5V Reference
logo
Texas Instruments
LM432MA/NOPB TI1-LM432MA/NOPB Datasheet
683Kb / 9P
[Old version datasheet]   LM432 Dual Op Amp with On-Chip Fixed 2.5V Reference
More results

同様の説明 - LM432BA3

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com