データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB06N03Q8 データシート(PDF) 6 Page - Cystech Electonics Corp.

部品番号 MTB06N03Q8
部品情報  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB06N03Q8 データシート(HTML) 6 Page - Cystech Electonics Corp.

  MTB06N03Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB06N03Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB06N03Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB06N03Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB06N03Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB06N03Q8 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C710Q8
Issued Date : 2009.05.07
Revised Date :
Page No. : 6/6
MTB06N03Q8
CYStek Product Specification
SOP-8 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1909
0.2007
4.85
5.10
I
0.0019
0.0078
0.05
0.20
B
0.1515
0.1555
3.85
3.95
J
0.0118
0.0275
0.30
0.70
C
0.2283
0.2441
5.80
6.20
K
0.0074
0.0098
0.19
0.25
D
0.0480
0.0519
1.22
1.32
L
0.0145
0.0204
0.37
0.52
E
0.0145
0.0185
0.37
0.47
M
0.0118
0.0197
0.30
0.50
F
0.1472
0.1527
3.74
3.88
N
0.0031
0.0051
0.08
0.13
G
0.0570
0.0649
1.45
1.65
O
0.0000
0.0059
0.00
0.15
H
0.1889
0.2007
4.80
5.10
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: pure tin plated
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Marking:
8-Lead SOP-8 Plastic Package
CYStek Package Code: Q8
Top View
A
B
Front View
F
C
D
E
G
I
H
Part A
J
K
O
M
L
N
Right side View
Part A
Device Name
Date Code


同様の部品番号 - MTB06N03Q8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB06N03Q8 CYSTEKEC-MTB06N03Q8 Datasheet
378Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTB06N03Q8 DOINGTER-MTB06N03Q8 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Cystech Electonics Corp...
MTB06N03Q8-0-T3-G CYSTEKEC-MTB06N03Q8-0-T3-G Datasheet
378Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB06N03Q8 CYSTEKEC-MTB06N03Q8_16 Datasheet
378Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

同様の説明 - MTB06N03Q8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com