データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB160 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 SB160
部品情報  Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB160 データシート(HTML) 1 Page - Cystech Electonics Corp.

  SB160 Datasheet HTML 1Page - Cystech Electonics Corp. SB160 Datasheet HTML 2Page - Cystech Electonics Corp. SB160 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C474LB
Issued Date : 2009.08.13
Revised Date :
Page No. : 1/3
SB120 thru SB160
CYStek Product Specification
Schottky Barrier Rectifiers
Reverse Voltage 20V to 60V Forward Current 1.0 Amperes
SB120 thru SB160
Features
Outline
• Metal semiconductor junction with guard ring
DO-204AL(DO-41)
• Epitaxial construction
• Low forward voltage drop
• High current capability
• The plastic material carries UL recognition 94V-0
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Mechanical Characteristics:
•Case: JEDEC DO-204AL(DO-41) molded plastic
•Terminals: Tin plated axial leads, solderable per MIL-STD-202, method 208
•Polarity: Color band denotes cathode
•Mounting position: Any
•Weight : 0.012oz., 0.33grams
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For
capacitive load, derate current by 20%)
Type
Parameter
Symbol
SB120 SB130 SB140 SB150 SB160
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum forward voltage at 1A
VF
0.5
0.70
V
Maximum average forward rectified current
.375”(9.5mm) lead lengths @TL=100°C
IF(AV)
1
A
Peak forward surge current @8.3ms single half
sine wave superimposed on rated load (JEDEC
method)
IFSM
40
A
TJ=25°C
0.5
Maximum DC reverse current at
rated DC blocking voltage
TJ=100°C
IR
10
mA
Typical thermal resistance (Note 1)
RθJL
15
°C/W
Typical junction capacitance (Note 2)
CJ
150
pF
Operating junction temperature range
TJ
-55 ~ +125
°C
Storage temperature range
TSTG
-55 ~ +150
°C
Note: 1.Thermal resistance, junction to lead.
2.Measured at 1.0MHz and applied reverse voltage of 4.0VDC


同様の部品番号 - SB160

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB160 PANJIT-SB160 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
SB160 PANJIT-SB160 Datasheet
56Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB160 VISHAY-SB160 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
SB160 VISHAY-SB160 Datasheet
76Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
logo
Tak Cheong Electronics ...
SB160 TAK_CHEONG-SB160 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
More results

同様の説明 - SB160

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
SB520 CYSTEKEC-SB520 Datasheet
343Kb / 3P
   5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
logo
First Silicon Co., Ltd
1N5817 FS-1N5817 Datasheet
764Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 20V~40V, Forward Current 1.0 Ampere
logo
Gaomi Xinghe Electronic...
10SQ045 GXELECTRONICS-10SQ045 Datasheet
374Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE -30 to 100Volts FORWARD CURRENT -10.0 Amperes
logo
First Silicon Co., Ltd
SS12F FS-SS12F Datasheet
306Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
logo
GOOD-ARK Electronics
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com