データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL431A3 データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 TL431A3
部品情報  Adjustable Precision Shunt Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL431A3 データシート(HTML) 3 Page - Cystech Electonics Corp.

  TL431A3 Datasheet HTML 1Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 2Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 3Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 4Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 5Page - Cystech Electonics Corp. TL431A3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C502A3
Issued Date : 2003.03.26
Revised Date : 2008.10.09
Page No. : 3/6
TL431A3
CYStek Product Specification
Characteristic Curves
CATHODE C URR ENT vs C ATHODE VOLTAGE
-100
-75
-50
-25
0
25
50
75
100
125
150
-2
-1
0
1
2
3
VAK - CATHODE VOLTAGE (V)
CATHODE C URR ENT vs C ATHODE VOLTAGE
-200
-100
0
100
200
300
400
500
600
700
800
-1
-0. 5
00. 5
11. 5
22. 5
3
V
AK - C A T HO DE VO L T AGE ( V)
R EF ERENC E INP UT VOLTAGE vs AMB IENT
TEMP ER ATURE
2. 48
2. 485
2. 49
2. 495
2. 5
2. 505
2. 51
2. 515
2. 52
-50
-25
0
25
50
75
100
125
AMB IENT TEMP ER ATUR E(℃ )
R EF ERENC E INP UT C URR ENT vs AMB IENT
TEMP ER ATUR E
0
50
100
150
200
250
300
350
0
25
50
75
100
125
AMB IENT TEMP ER ATUR E(℃ )


同様の部品番号 - TL431A3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL431A TI-TL431A Datasheet
795Kb / 41P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431A TI1-TL431A Datasheet
2Mb / 77P
[Old version datasheet]   Precision Programmable Reference
logo
Analog Intergrations Co...
TL431A AIC-TL431A Datasheet
194Kb / 11P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431A TI-TL431A Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

同様の説明 - TL431A3

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com