データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS431CTA3G データシート(PDF) 10 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS431CTA3G
部品情報  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431CTA3G データシート(HTML) 10 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431CTA3G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS431CTA3G Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
10/13
Version: F07
SOT-23 Mechanical Drawing
Marking Diagram
1 = Device Code
X = Tolerance Code
(A = ±1%, B = ±0.5%, C = ±0.25%, Blank = ±2%,)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L = Lot Code
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
0.95 BSC
0.037 BSC
A1
1.9 BSC
0.074 BSC
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
10º
10º


同様の部品番号 - TS431CTA3G

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS431CT TSC-TS431CT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
More results

同様の説明 - TS431CTA3G

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com