データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19371 データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19371
部品情報  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371 データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19371 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
5/8
Version: F08
Application Information (Continue)
Reference Design Information – Typical Application Circuit
VIN Range
(V)
VOUT Max.
(V)
L (uH)
LED
(Series)
LED
(Parallel)
Current
(mA)
Resistor
(Ω)
Efficiency
(%)
5
30
22
6pcs
14
20
4.75
81.2
9
30
33
9pcs
10
20
4.75
83.6
12
30
47
9pcs
14
20
4.75
87.2
15
30
68
9pcs
14
20
4.75
88.4
Typical Application Circuit for 1W LED
VIN Range
(V)
VOUT Max.
(V)
L (uH)
1W LED
(Series)
Current
(mA)
Resistor
(Ω)
Efficiency
(%)
12~15
30
68
6pcs
350
0.22
88


同様の部品番号 - TS19371

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CSRL TSC-TS19371CSRL Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
   Inherently Matched LED Current
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

同様の説明 - TS19371

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com