データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19371CX6RF データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19371CX6RF
部品情報  Boost (Step-up) WLED Driver with OVP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19371CX6RF データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19371CX6RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19371CX6RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19371CX6RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19371CX6RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19371CX6RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19371CX6RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19371CX6RF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19371CX6RF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS19371
Boost (Step-up) WLED Driver with OVP
1/8
Version: F08
SOT-26
General Description
The TS19371 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The
device can drive up to 126 LEDs (9S14P) from a 12V supply. The output capacitor can be as small as 4.7µF, saving
space versus alternative solutions. A low 95mV feedback voltage minimizes power loss for better efficiency. Additional
feature include over output voltage limiting when LEDs are disconnected. The TS19371 switches at a fixed frequency
of 1.2MHz, allowing the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space
consideration applications for cellular phone backlighting or other hand held equipment.
Ordering Information
Part No.
Package
Packing
TS19371CX6 RF
SOT-26
3Kpcs / 7” Reel
Features
Inherently Matched LED Current
High Efficiency: 89% Typical
Drives Up to 9 LEDs Series @ Vin 9~15V
Drives Up to 126 LEDs (9S14P) @ Vin 12~15V
Drives Up to 6 (1W) LEDs Series @ Vin 12V
Over Output Voltage Protection 30V
Fast 1.2MHz Switching Frequency
Requires Only 4.7µF Output Capacitor
PWM dimming control 1KHz to 10KHz
Analog dimming control
Application
Cellular Phones
Portable Electronics Devices PDA, GPS
LCD Display Module
White LED Backlighting
Input Voltage vs. Efficiency
Typical Application Circuit
Pin Definition:
1. SW
6. Input
2. Ground
5. OVP
3. Feedback
4. CTRL


同様の部品番号 - TS19371CX6RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371CX6RFG TSC-TS19371CX6RFG Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results

同様の説明 - TS19371CX6RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
   1.7A Boost WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com