データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS19372CX5RF データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS19372CX5RF
部品情報  Buck (Step-down) WLED Driver with External Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19372CX5RF データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS19372CX5RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19372CX5RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS19372
Buck (Step-down) WLED Driver with External Switch
1/6
Version: A09
SOT-25
General Description
The TS19372 is a continuous mode inductive step-down converter, designed for driving single or multiple series
connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input
supply between 6V and 40V and provides 300mA output current to drive external N-channel MOSFET.
TS19372 includes the output switch and a high-side output current sensing circuit, which uses an external resistor to
set the nominal average output current.
Application
LED Flashlights
White LED Backlighting
White LED Driving
Multiple LED Driving
LED Lighting Equipment
Features
Wide Input Voltage Range 6V~40V
300mA Output Current
High Efficiency up to 92%
Drives up to 3 (1~3W) LEDs @ VIN 12V
Drives up to 7 (1~3W) LEDs @ VIN 24V
180kHz Switching Frequency
Internal PWM Filter
Ordering Information
Part No.
Package
Packing
TS19372CX5 RF
SOT-25
3Kpcs / 7” Reel
Block Diagram
Pin Definition:
1. SW
2. Ground
3. CT
4. ISENSE
5. VIN


同様の部品番号 - TS19372CX5RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19372CX5RF TSC-TS19372CX5RF Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results

同様の説明 - TS19372CX5RF

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
   800mA Buck (Step-down) WLED Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com