データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC5401CTA3 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSC5401CTA3
部品情報  Very High Voltage NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5401CTA3 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC5401CTA3 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5401CTA3 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5401CTA3 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5401CTA3 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
TSC5401
Very High Voltage NPN Transistor
2/4
Version: Preliminary
Electrical Specifications (Ta = 25ºC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =1mA, IB =0
BVCBO
1500
--
--
V
Collector-Emitter Breakdown Voltage
IC =5mA, IE =0
BVCEO
700
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA, IC =0
BVEBO
7
--
--
V
Collector Cutoff Current
VCE =700V, IB=0
ICEO
--
--
10
uA
Collector Cutoff Current
VCB =1300V, IE =0
ICBO
--
--
1
mA
Emitter Cutoff Current
VEB = 7V, IC =0
IEBO
--
--
10
uA
Collector-Emitter Saturation Voltage
IC=0.2A, IB =0.04A
VCE(SAT)1
---
--
0.3
V
Collector-Emitter Saturation Voltage
IC=0.5A, IB =0.1A
VCE(SAT)2
---
--
1.0
V
Base-Emitter Saturation Voltage
IC=0.5A, IB =0.1A
VBE(SAT)
--
--
1.2
V
DC Current Gain
VCE =5V, IC =10mA
VCE =5V, IC = 500mA
VCE =5V, IC = 1A
hFE
20
5
2
--
--
--
45
--
Dynamic
Resistive Load Switching Time (Ratings)
Rise Time
tr
0.4
0.8
uS
Storage Time
tSTG
--
1.5
3
uS
Fall Time
VCC =400V, IC =0.5A,
IB1=0.1, IB2=-0.2A,
tP =25uS
tf
--
0.25
0.4
uS
Note: pulse test: pulse width ≤300uS, duty cycle ≤2%


同様の部品番号 - TSC5401CTA3

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TSC5 ETC1-TSC5 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Suntan Capacitors
TSC5 SUNTAN-TSC5 Datasheet
109Kb / 1P
   CERAMIC TRIMMER CAPACITOR - 5MM
logo
TEMIC Semiconductors
TSC51C1 TEMIC-TSC51C1 Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAB TEMIC-TSC51C1XXX-12CAB Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
TSC51C1XXX-12CAD TEMIC-TSC51C1XXX-12CAD Datasheet
321Kb / 31P
   8-Bit Microcontroller for Digital Computer Monitors
More results

同様の説明 - TSC5401CTA3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STN0214 STMICROELECTRONICS-STN0214 Datasheet
133Kb / 7P
   Very high voltage NPN power transistor
logo
NXP Semiconductors
BUJ303AX NXP-BUJ303AX_11 Datasheet
606Kb / 14P
   NPN power transistor Very high voltage capability Isolated package
Rev. 05-3 May 2011
logo
Comset Semiconductor
BUX48 COMSET-BUX48 Datasheet
187Kb / 2P
   VERY HIGH VOLTAGE POWER TRANSISTOR
logo
STMicroelectronics
HD1760JL STMICROELECTRONICS-HD1760JL_07 Datasheet
250Kb / 10P
   Very high voltage NPN power transistor for high definition and slim CRT display
HD1750JL STMICROELECTRONICS-HD1750JL_07 Datasheet
226Kb / 10P
   Very high voltage NPN power transistor for high definition and slim CRT display
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com