データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4124K データシート(PDF) 9 Page - Toshiba Semiconductor

部品番号 TPD4124K
部品情報  Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4124K データシート(HTML) 9 Page - Toshiba Semiconductor

Back Button TPD4124K Datasheet HTML 5Page - Toshiba Semiconductor TPD4124K Datasheet HTML 6Page - Toshiba Semiconductor TPD4124K Datasheet HTML 7Page - Toshiba Semiconductor TPD4124K Datasheet HTML 8Page - Toshiba Semiconductor TPD4124K Datasheet HTML 9Page - Toshiba Semiconductor TPD4124K Datasheet HTML 10Page - Toshiba Semiconductor TPD4124K Datasheet HTML 11Page - Toshiba Semiconductor TPD4124K Datasheet HTML 12Page - Toshiba Semiconductor TPD4124K Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TPD4124K
2008-11-26
9
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VBB
50
280
450
Operating power supply voltage
VCC
13.5
15
16.5
V
IBB
VBB = 450 V
0.5
ICC
VCC = 15 V
1.0
5
mA
IBS (ON)
VBS = 15 V, high side ON
230
410
Current dissipation
IBS (OFF)
VBS = 15 V, high side OFF
200
370
μA
VIH
VIN = “H”, VCC = 15 V
2.5
Input voltage
VIL
VIN = “L” , VCC = 15 V
1.5
V
IIH
VIN = 5 V
150
Input current
IIL
VIN = 0 V
100
μA
VCEsatH
VCC = 15 V, IC = 1 A, high side
2.4
3
Output saturation voltage
VCEsatL
VCC = 15 V, IC = 1 A, low side
2.4
3
V
VFH
IF = 1 A, high side
1.5
2.0
FRD forward voltage
VFL
IF = 1 A, low side
1.5
2.0
V
BSD forward voltage
VF (BSD)
IF = 500 μA
0.9
1.2
V
Regulator voltage
VREG
VCC = 15 V, IO = 30 mA
6.5
7
7.5
V
Current limiting voltage
VR
0.46
0.5
0.54
V
Current limiting dead time
Dt
2.3
3.3
4.4
μs
Thermal shutdown temperature
TSD
VCC = 15 V
135
185
°C
Thermal shutdown hysteresis
ΔTSD
VCC = 15 V
50
°C
VCC under voltage protection
VCCUVD
10
11
12
V
VCC under voltage protection recovery
VCCUVR
10.5
11.5
12.5
V
VBS under voltage protection
VBSUVD
8
9
9.5
V
VBS under voltage protection recovery
VBSUVR
8.5
9.5
10.5
V
DIAG saturation voltage
VDIAGsat
IDIAG = 5 mA
0.5
V
Output on delay time
ton
VBB = 280 V, VCC = 15 V, IC = 1 A
1.4
3
μs
Output off delay time
toff
VBB = 280 V, VCC = 15 V, IC = 1 A
1.0
3
μs
Dead time
tdead
VBB = 280 V, VCC = 15 V, IC = 1 A
1.4
μs
FRD reverse recovery time
trr
VBB = 280 V, VCC = 15 V, IC = 1 A
200
ns


同様の部品番号 - TPD4124K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

同様の説明 - TPD4124K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125K TOSHIBA-TPD4125K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123K TOSHIBA-TPD4123K Datasheet
347Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com