データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4125K データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TPD4125K
部品情報  Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4125K データシート(HTML) 1 Page - Toshiba Semiconductor

  TPD4125K Datasheet HTML 1Page - Toshiba Semiconductor TPD4125K Datasheet HTML 2Page - Toshiba Semiconductor TPD4125K Datasheet HTML 3Page - Toshiba Semiconductor TPD4125K Datasheet HTML 4Page - Toshiba Semiconductor TPD4125K Datasheet HTML 5Page - Toshiba Semiconductor TPD4125K Datasheet HTML 6Page - Toshiba Semiconductor TPD4125K Datasheet HTML 7Page - Toshiba Semiconductor TPD4125K Datasheet HTML 8Page - Toshiba Semiconductor TPD4125K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPD4125K
2008-05-13
1
TOSHIBA Intelligent Power Device
High Voltage Monolithic Silicon Power IC
TPD4125K
The TPD4125K is a DC brush less motor driver using high
voltage PWM control. It is fabricated by high voltage SOI process.
It is three-shunt resistor circuit for current sensing. It contains
level shift high-side driver, low-side driver, IGBT outputs, FRDs
and protective functions for under voltage protection circuits and
thermal shutdown circuit. It is easy to control a DC brush less
motor by just putting logic inputs from a MPU or motor controller
to the TPD4125K.
Features
• High voltage power side and low voltage signal side terminal are separated.
• It is the best for current sensing in three shunt resistance.
• Bootstrap circuit gives simple high-side supply.
• Bootstrap diodes are built in.
• A dead time can be set as a minimum of 1.4 μs, and it is the best for a Sine-wave from drive.
• 3-phase bridge output using IGBTs.
• FRDs are built in.
• Included over-current and under-voltage protection, and thermal shutdown.
• The regulator of 7V (typ.) is built in.
• Package: 26-pin DIP.
This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product, ensure that
the environment is protected against electrostatic discharge.
HDIP26-P-1332-2.00
Weight : 3.8 g (typ.)


同様の部品番号 - TPD4125K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

同様の説明 - TPD4125K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK Datasheet
216Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123K TOSHIBA-TPD4123K Datasheet
347Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com