データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB3150 データシート(PDF) 1 Page - Compact Technology Corp.

部品番号 SB3150
部品情報  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTC [Compact Technology Corp.]
ホームページ  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

SB3150 データシート(HTML) 1 Page - Compact Technology Corp.

  SB3150 Datasheet HTML 1Page - Compact Technology Corp. SB3150 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB320 thru SB3200
FEATURES
Metal-Semiconductor junction with guard ring
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
MECHANICAL DATA
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 1.071grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
REVERSE VOLTAGE - 20 to 200 Volts
FORWARD CURRENT - 3.0 Amperes
Epitaxial construction
A
C
D
A
B
DO-201AD
Dimensions in millimeters
Max.
Min.
DO-201AD
Dim.
A
D
C
B
25.4
9.50
-
8.50
1.20
5.0
5.60
1.30
Compact Technology
CTC0165 Ver.
6.0
1 of 2
SB320 thru SB3200
SCHOTTKY BARRIER RECTIFIERS


同様の部品番号 - SB3150

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
logo
Microdiode Electronics ...
SB3150 CHENDA-SB3150 Datasheet
583Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu High diode Semi...
SB3150 HDSEMI-SB3150 Datasheet
1Mb / 4P
   DO-27 Plastic-Encapsulate Diodes
logo
Sirectifier Global Corp...
SB3150 SIRECT-SB3150 Datasheet
210Kb / 2P
   Power Schottky Rectifier - 3Amp 150~200Volt
logo
DONGGUAN YOU FENG WEI E...
SB3150 YFWDIODE-SB3150 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results

同様の説明 - SB3150

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com