データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-3GLPT データシート(PDF) 1 Page - Omron Electronics LLC

部品番号 SS-3GLPT
部品情報  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-3GLPT データシート(HTML) 1 Page - Omron Electronics LLC

  SS-3GLPT Datasheet HTML 1Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 2Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 3Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 4Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 5Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 6Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 7Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Subminiature Basic Switch
SS-P
103
Subminiature Basic Switch
SS-P
SS Series Compatible Mounting with
a Simple Construction and Easy-to-Use
Design Concept
• Insert molded base and improved case-to-base seal
provides enhanced resistance to flux.
• Switch rating of 3 A at 125 VAC possible with a single-leaf
movable spring. Models for micro loads with gold crossbar
contact are also available.
• Solder, quick-connect terminals (#110), and PCB terminals
are available, including even-pitched PCB terminals.
• RoHS Compliant.
Ordering Information
.
Model Number Legend
Terminals
Solder terminals
Quick-connect
terminals (#110)
PCB terminals
Rating
Actuator
Uneven pitch
Even pitch
3 A
Pin plunger
SS-3GP
SS-3GPT
SS-3GPD
SS-3GPB
Hinge lever
SS-3GLP
SS-3GLPT
SS-3GLPD
SS-3GLPB
Simulated roller lever
SS-3GL13P
SS-3GL13PT
SS-3GL13PD
SS-3GL13PB
0.1 A
Pin plunger
SS-01GP
SS-01GPT
SS-01GPD
SS-01GPB
Hinge lever
SS-01GLP
SS-01GLPT
SS-01GLPD
SS-01GLPB
Simulated roller lever
SS-01GL13P
SS-01GL13PT
SS-01GL13PD
SS-01GL13PB
SS-
P
1.
Ratings
3:
3 A at 125 VAC
01:
0.1 A at 30 VDC
2.
Contact Gap
G:
0.5 mm
3.
Actuator
None: Pin plunger
L:
Hinge lever
L13:
Simulated roller lever
4.
Terminals
None: Solder terminals
T:
Quick-connect terminals (#110)
D:
PCB terminals (Uneven pitch)
B:
PCB terminals (Even pitch)
3
4
2
1


同様の部品番号 - SS-3GLPT

メーカー部品番号データシート部品情報
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

同様の説明 - SS-3GLPT

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com