データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-3GLPT データシート(PDF) 5 Page - Omron Electronics LLC

部品番号 SS-3GLPT
部品情報  Subminiature Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-3GLPT データシート(HTML) 5 Page - Omron Electronics LLC

  SS-3GLPT Datasheet HTML 1Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 2Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 3Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 4Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 5Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 6Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 7Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Subminiature Basic Switch
SS-P
107
Precautions
■ Correct Use
Mounting
Mount the Switch onto a flat surface. Mounting on an uneven surface
may cause deformation of the Switch, resulting in faulty operation or
breakage in the housing.
Operating Stroke Setting
Take particular care in setting the operating stroke for the pin plunger
models. Make sure that the operating stroke is 60% to 90% of the
rated OT distance. Do not operate the actuator exceeding the OT dis-
tance, otherwise the life expectancy of the Switch may be shortened.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for micro-
loads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, it may increase contact
wear and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
■ Cautions
Handling
Turn OFF the power supply before mounting or removing the Switch,
wiring, or performing maintenance or inspection. Failure to do so may
result in electric shock or burning.
Solder Terminal Connection
When soldering lead wires to solder terminals, first insert the lead
wire conductor through the terminal hole and then solder.
Make sure that the temperature at the tip of the soldering iron is
350 to 400
°C. Do not take more than 3 seconds to solder the switch
terminal, and do not impose external force on the terminal for 1 min
after soldering. Improper soldering involving an excessively high
temperature or excessive soldering time may deteriorate the charac-
teristics of the Switch.
Quick-Connect Terminals
Wire quick-connect terminals (#110) with receptacles. Insert the ter-
minals straight into the receptacles. Do not impose excessive force
on the terminal in the horizontal direction, otherwise the terminal may
be deformed or the housing may be damaged.
Use appropriate #110 QC connectors, made by Nippon Tanshi or
Tyco Electronics, to mate with the quick-connect versions of the
switch. These connectors are not sold by OMRON. Contact Nippon
Tanshi or Tyco Electronics to purchase these connectors.
PCB Terminal Connection
When using automatic soldering baths, we recommend soldering at
260
±5°C within 5 seconds. Make sure that the liquid surface of the
solder does not flow over the edge of the board.
When soldering by hand, as a guideline, solder with a soldering iron
with a tip temperature of 350 to 400
°C within 3 seconds, and do not
apply any external force for at least 1 minutes after soldering. When
applying solder, keep the solder away from the case of the Switch
and do not allow solder or flux to enter the case.
Insulation Distance
Use a separator between the switch and metal mounting panels, to
ensure proper dielectric characteristics are achieved.
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Operating
range for
general-
load models
SS-3P
Operating range
for micro load
models SS-01P
26 mA
0.16 mA
100 mA 160 mA
Inoperable
range
100 mA


同様の部品番号 - SS-3GLPT

メーカー部品番号データシート部品情報
logo
SIRENZA MICRODEVICES
SS-30 SIRENZA-SS-30 Datasheet
387Kb / 1P
   SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
logo
List of Unclassifed Man...
SS-300R8P ETC2-SS-300R8P Datasheet
357Kb / 7P
   One of passive Back plane.
logo
Bel Fuse Inc.
SS-30100-019 BEL-SS-30100-019 Datasheet
151Kb / 1P
   10 CONDUCTOR / 10 POSITION LINE CORD MODULE
SS-30400-017 BEL-SS-30400-017 Datasheet
167Kb / 1P
   FOUR CONDUCTOR / FOUR POSITION LINE CORD MODULE
SS-30800-061 BEL-SS-30800-061 Datasheet
168Kb / 1P
   8 CONDUCTOR / 8 POSITION LINE CORD MODULE
More results

同様の説明 - SS-3GLPT

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SSG OMRON-SSG Datasheet
765Kb / 10P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com