データシートサーチシステム |
|
SS-5GL13-FT データシート(PDF) 3 Page - Omron Electronics LLC |
|
SS-5GL13-FT データシート(HTML) 3 Page - Omron Electronics LLC |
3 / 10 page Snap Action Switch SS 97 ■ Ratings (reference values) Note: 1. Data in parentheses apply to the SS-10 models only. 2. The above current ratings are the values of the steady-state current. 3. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). The inductive load rating of the SS-10 is the same as that of SS-5. 4. Lamp load has an inrush current of 10 times the steady-state current 5. Motor load has an inrush current of 6 times the steady-state current. 6. If the switch is used in a DC circuit and is subjected to inrush current or surge, connect a surge suppressor across the switch. 7. The electrical rating applies under the following test conditions: Ambient Temperature = 20 ±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/minute ■ Approved Standards UL Recognized (File No. E41515) CSA Certified (File No. LR21642) EN61058-1 - - VDE approval (File No. 129246 for SS-5, 125256 for SS-10) EN61058-1 - - TÜV Rheinland approval (File No. J9451450) Testing conditions: 5E4 (50,000 operations), T85 (0 °C to 85°C) Note: The rated values approved by each of the safety standards (e.g. UL, CSA) may be different from the performance charac- teristics individually defined in this catalog. ■ Contact Specifications Note: Minimum applicable loads are indicated by N standard refer- ence values. This value represents the failure rate at a 60% (λ 60) reliability level (JIS C5003). The equation λ 60=0.5 x 10 -6 / operations indicates that a failure rate of 1/2,000,000 operations can be expected at a reliability level of 60% Switch series: Contact form SS-10 and SS-5 SS-01 Resistive load Lamp load Inductive load Motor load Resistive Load NC NO NC NO NC NO NC NO NC NO 125 VAC 5 A (10.1A) 1.5 A 0.7 A 3 A 2.5 A 1.3 A 0.1 A 250 VAC 3 A (10.1A) 1 A 0.5 A 2 A 1.5 A 0.8 A - - - 8 VDC 5 A (10.1A) 2 A 5 A 4 A 3 A 0.1 A 14 VDC 5 A (10.1A) 2 A 4 A 3 A 0.1 A 30 VDC 4 A 2 A 3 A 3 A 0.1 A 125 VDC 0.4 A 0.05 A 0.4 A 0.05 A - - - 250 VDC 0.2 A 0.03 A 0.2 A 0.03 A - - - Rated Voltage SS-10 SS-5 SS-01 125 VAC - - - 5 A 0.1 A 250 VAC 10.1 A 3 A - - - 30 VDC - - - - - - 0.1 A Rated Voltage SS-10 SS-5 250 VAC 10.1 A 5 A Rated Voltage SS-10 SS-5 250 VAC 10.1 A 5 A Item SS-10 SS-5 SS-01 Specification Rivet Crossbar Material Silver alloy Silver Gold alloy Gap (standard value) 0.5 mm 0.25 mm Inrush current NC: 20A max. NO: 15A max. NC: 20A max. NO: 10A max. 1A max. Minimum applicable load (see note) 160 mA at 5 VDC 1 mA at 5 VDC |
同様の部品番号 - SS-5GL13-FT |
|
同様の説明 - SS-5GL13-FT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |