データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5GL2D1 データシート(PDF) 7 Page - Omron Electronics LLC

部品番号 SS-5GL2D1
部品情報  Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-5GL2D1 データシート(HTML) 7 Page - Omron Electronics LLC

Back Button SS-5GL2D1 Datasheet HTML 2Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 3Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 4Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 5Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 6Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 7Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 8Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 9Page - Omron Electronics LLC SS-5GL2D1 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Snap Action Switch
SS
101
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Mounting
Mount the switch onto a flat surface. Mounting on an uneven surface
may cause deformation of the switch, resulting in faulty operation or
breakage in the housing.
Operating Stroke
Take particular care in setting the operating stroke for the pin plunger
models. Make sure that the operating stroke is 70% to 100% of the
rated OT distance. Do not operate the actuator exceeding the OT dis-
tance, otherwise the life expectancy of the switch may be shortened.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for
microloads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, then contact wear may
increase and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
■ Cautions
Handling
Turn OFF the power supply before mounting or removing the switch,
wiring, or performing maintenance for inspection. Failure to do so
may result in electric shock or burning
Terminal Connection
When soldering the lead wire to the terminal, first insert the lead wire
conductor through the terminal hole and then solder.
Make sure that the capacity of the soldering iron is 60 W maximum.
Do not take more than 5 seconds to solder the switch terminal.
Improper soldering involving an excessively high temperature or
excessive soldering time may deteriorate the characteristics of the
switch.
Be sure to apply only the minimum required amount of flux. The
switch may have contact failures if flux intrudes in the interior of the
switch.
Use the following lead wires to connect to the solder terminals;
If the PCB terminal models are soldered in a solder bath, flux will per-
meate inside the switch and cause contact failure. Therefore, manu-
ally solder the PCB terminal.
Wire the quick-connect terminals (#110) with receptacles. Insert the
terminals straight into the receptacles. Do not impose excessive
force on the terminal in the horizontal direction, otherwise the termi-
nal may be deformed or the housing may be damaged.
Insulation Distance
Use a separator between the switch and metal mounting panels, to
ensure proper dielectric characteristics are achieved.
According to EN61058-1, the minimum insulation thickness for this
switch should be 1.1 mm and minimum clearance distance between
the terminal and mounting plate should be 1.6 mm. If the insulation
distance cannot be provided in the product incorporating the switch,
either use a switch with insulation barrier or use a separator to
ensure sufficient insulation distance.
Operating range
for micro load
models SS-01
Operating
range for
general-load
models
SS-5, SS-10
Current (mA)
Inoperable
range
30
24
12
1,000
100
10
1
0
5
100mA
100mA 160mA
26mA
1mA
0.16mA
Model
Conductor size
SS-5
0.5 to 0.75 mm2
SS-10
0.75 mm2
Separator


同様の部品番号 - SS-5GL2D1

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SS-5GL2D OMRON-SS-5GL2D Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

同様の説明 - SS-5GL2D1

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com