データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5-FD2 データシート(PDF) 6 Page - Omron Electronics LLC

部品番号 SS-5-FD2
部品情報  Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-5-FD2 データシート(HTML) 6 Page - Omron Electronics LLC

Back Button SS-5-FD2 Datasheet HTML 2Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 3Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 4Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 5Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 6Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 7Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 8Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 9Page - Omron Electronics LLC SS-5-FD2 Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
100
Snap Action Switch
SS
Hinge Lever Models
SS-01GL(-E, -F)
SS-5GL(-F)
SS-10GL
2.35
+0.075
–0.05
Three, 1.6 dia.
t = 0.3
(see note 1)
2.35
+0.075
–0.05
dia. holes
6.4
3.2
6.4
3.6
14.5 (see note 2)
FP
OP
10.2
9.5
2.5
±0.07 dia.
2.5
2.9
8.8
7.3
5.1
Note:
1.
Stainless-steel lever
2.
Besides the SS- GL models with a hinge lever length of 14.5, the SS- GL11 models with a hinge lever length of 18.5, the
SS- GL111 models with a hinge lever length of 22.6, and the SS- GL1111 models with a hinge lever length of 37.8 are available.
Contact your OMRON representative for these models
19.8
9.5
±0.1
1.6
A
Characteristics
SS-01GL-E
SS-01GL-F, SS-5GL-F
SS-01GL, SS-5GL
SS-10GL
OF max.
8 g
16 g
50 g
50 g
RF min.
1 g
2 g6 g6 g
OT min.
1.2 mm
1.2 mm
1.2 mm
1.0 mm
MD max.
0.8 mm
0.8 mm
0.8 mm
1.0 mm
FP max.
13.6 mm
OP
8.8 ± 0.8 mm
Simulated Roller Lever Models
SS-01GL13(-E, -F)
SS-5GL13(-F)
SS-10GL13
2.35
+0.075
–0.05
Three, 1.6 dia.
2.35
+0.075
–0.05
dia. holes
1.3R
t = 0.3
(see note)
2.5
±0.07 dia.
FP
OP
10.2
9.5
6.4
3.2
6.4
3.6
8.8
7.3
5.1
15.8
2.5
2.9
Note:
Stainless-steel spring lever
19.8
9.5
±0.1
1.6
A
Characteristics
SS-10GL13-E
SS-10GL13-F, SS-5GL13-F
SS-01GL13, SS-5GL13
SS-10GL13
OF max.
8 g
16 g
50 g
50 g
RF min.
1 g2 g
6 g6 g
OT min.
1.2 mm
1.2 mm
1.2 mm
1.0 mm
MD max.
0.8 mm
0.8 mm
0.8 mm
1.0 mm
FP max.
15.5 mm
OP
10.7
±0.8 mm
Hinge Roller Lever Models
SS-01GL2(-E, -F)
SS-5GL2(-F)
SS-10GL2
Three, 1.6 dia.
2.35
+0.075
–0.05
dia.
2.35
+0.075
–0.05
dia. holes
4.8 dia.
× 3.2
(see note 2)
Note:
1.
Stainless-steel spring lever
2.
Polyacetal resin roller
2.5
±0.07 dia.
t = 0.3
(see note 1)
2.5
2.9
14.5
FP
OP
10.2
9.5
6.4
8.8
7.3
5.1
19.8
3.2
6.4
9.5
±0.1
1.6
A
Characteristics
SS-01GL2-E
SS-01GL2-F, SS-5GL2-F
SS-01GL2, SS-5GL2
SS-10GL2
OF max.
8 g
16 g
50 g
50 g
RF min.
1 g2 g
6 g6 g
OT min.
1.2 mm
1.2 m
1.2 mm
1.0 mm
MD max.
0.8 mm
0.8 mm
0.8 mm
1.0 mm
FP max.
19.3 mm
OP
14.5 ± 0.8 mm


同様の部品番号 - SS-5-FD2

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SS-5-FD OMRON-SS-5-FD Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

同様の説明 - SS-5-FD2

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com