データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5D2 データシート(PDF) 5 Page - Omron Electronics LLC

部品番号 SS-5D2
部品情報  Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-5D2 データシート(HTML) 5 Page - Omron Electronics LLC

  SS-5D2 Datasheet HTML 1Page - Omron Electronics LLC SS-5D2 Datasheet HTML 2Page - Omron Electronics LLC SS-5D2 Datasheet HTML 3Page - Omron Electronics LLC SS-5D2 Datasheet HTML 4Page - Omron Electronics LLC SS-5D2 Datasheet HTML 5Page - Omron Electronics LLC SS-5D2 Datasheet HTML 6Page - Omron Electronics LLC SS-5D2 Datasheet HTML 7Page - Omron Electronics LLC SS-5D2 Datasheet HTML 8Page - Omron Electronics LLC SS-5D2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Snap Action Switch
SS
99
Dimensions
■ Terminals
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. Terminal plate thickness is 0.5 mm for all models.
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following illustrations and dimensions are for solder terminal models.
Refer to “Terminals” for models with quick-connect terminals (#110) or PCB terminals.
3. The operating characteristics are for operation in the A direction(
)
Note: Terminal plate thickness is 0.5 mm for all models.
Solder Terminals
Quick-connect Terminals (#110)
PCB Terminals
Three,
1.6-dia. holes
Three, 1.2 dia.
t = 0.5
COM
terminal
(C)
NO terminal
NC terminal
COM terminal (C)
NO terminal
NC terminal
COM
terminal
(C)
NO terminal
NC terminal
2.9
1.6
8.8
7.3
9.5
±0.1
19.8
3.3
0.6
7.0
0.5
1.2
3.2
2.9
1.6
8.8
7.3
9.5
±0.1
19.8
6.4
3.2
6.4
2.9
1.6
8.8
7.3
9.5
±0.1
19.8
10.6
2.8
3.2
7.1
NC terminal
NO terminal
COM
terminal
PCB, Right-angled terminal
NC
terminal
NO terminal
COM
terminal
PCB, Left-angled terminal
Note: Angled terminal directions
are shown below.
Left-angled terminal
Right-angled terminal
Pin Plunger Models
SS-01(-E, -F)
SS-5(-F)
SS-10
2.35
+0.075
–0.05
dia. holes
2.35
+0.075
–0.05
Three, 1.6 dia.
10.2
9.5
7.5
2
PT
OP
6.4
2.9
2.5
1.6
8.8
7.3
5.1
19.8
2.5
±0.07 dia.
3.2
6.4
3.2
6.4
9.5
±0.1
A
Characteristics
Part number
SS-01-E
SS-01-F, SS-5-F
SS-01, SS-5
SS-10
OF max.
25 g
50 g
150 g
150 g
RF min.
2 g
4 g
25 g
25 g
PT max.
0.5 mm
0.5 m
0.5 mm
0.6 mm
OT min.
0.5 mm
0.5 mm
0.5 mm
0.4 mm
MD max.
0.1 mm
0.1 mm
0.1 mm
0.12 mm
OP
8.4 ± 0.5 mm


同様の部品番号 - SS-5D2

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SS-5D OMRON-SS-5D Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-5D-T OMRON-SS-5D-T Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

同様の説明 - SS-5D2

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com