データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS-5GLD2 データシート(PDF) 3 Page - Omron Electronics LLC

部品番号 SS-5GLD2
部品情報  Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-5GLD2 データシート(HTML) 3 Page - Omron Electronics LLC

  SS-5GLD2 Datasheet HTML 1Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 2Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 3Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 4Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 5Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 6Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 7Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 8Page - Omron Electronics LLC SS-5GLD2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Snap Action Switch
SS
97
■ Ratings (reference values)
Note: 1. Data in parentheses apply to the SS-10 models only.
2. The above current ratings are the values of the steady-state current.
3. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). The inductive load rating of the SS-10 is the
same as that of SS-5.
4. Lamp load has an inrush current of 10 times the steady-state current
5. Motor load has an inrush current of 6 times the steady-state current.
6. If the switch is used in a DC circuit and is subjected to inrush current or surge, connect a surge suppressor across the switch.
7. The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/minute
■ Approved Standards
UL Recognized (File No. E41515)
CSA Certified (File No. LR21642)
EN61058-1 - - VDE approval
(File No. 129246 for SS-5, 125256 for SS-10)
EN61058-1 - - TÜV Rheinland approval
(File No. J9451450)
Testing conditions: 5E4 (50,000 operations), T85 (0
°C to 85°C)
Note: The rated values approved by each of the safety standards
(e.g. UL, CSA) may be different from the performance charac-
teristics individually defined in this catalog.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Switch series:
Contact form
SS-10 and SS-5
SS-01
Resistive load
Lamp load
Inductive load
Motor load
Resistive Load
NC
NO
NC
NO
NC
NO
NC
NO
NC
NO
125 VAC
5 A (10.1A)
1.5 A
0.7 A
3 A
2.5 A
1.3 A
0.1 A
250 VAC
3 A (10.1A)
1 A
0.5 A
2 A
1.5 A
0.8 A
- - -
8 VDC
5 A (10.1A)
2 A
5 A
4 A
3 A
0.1 A
14 VDC
5 A (10.1A)
2 A
4 A
3 A
0.1 A
30 VDC
4 A
2 A
3 A
3 A
0.1 A
125 VDC
0.4 A
0.05 A
0.4 A
0.05 A
- - -
250 VDC
0.2 A
0.03 A
0.2 A
0.03 A
- - -
Rated Voltage
SS-10
SS-5
SS-01
125 VAC
- - -
5 A
0.1 A
250 VAC
10.1 A
3 A
- - -
30 VDC
- - -
- - -
0.1 A
Rated Voltage
SS-10
SS-5
250 VAC
10.1 A
5 A
Rated Voltage
SS-10
SS-5
250 VAC
10.1 A
5 A
Item
SS-10
SS-5
SS-01
Specification
Rivet
Crossbar
Material
Silver alloy
Silver
Gold alloy
Gap (standard value)
0.5 mm
0.25 mm
Inrush current
NC: 20A max.
NO: 15A max.
NC: 20A max.
NO: 10A max.
1A max.
Minimum applicable
load (see note)
160 mA at 5 VDC
1 mA at 5 VDC


同様の部品番号 - SS-5GLD2

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
SS-5GLD OMRON-SS-5GLD Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-5GLD-T OMRON-SS-5GLD-T Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

同様の説明 - SS-5GLD2

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com