データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

V-15G-3C5-K データシート(PDF) 9 Page - Omron Electronics LLC

部品番号 V-15G-3C5-K
部品情報  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G-3C5-K データシート(HTML) 9 Page - Omron Electronics LLC

Back Button V-15G-3C5-K Datasheet HTML 5Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 6Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 7Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 8Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 9Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 10Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 11Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 12Page - Omron Electronics LLC V-15G-3C5-K Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Snap Action Switch
V
129
■ Dimensions and Operating Characteristics
Thermoplastic Case Models
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following illustrations and drawings are for quick-connect terminals (#250) (terminals C). V models also incorporate terminals A and C2,
which are omitted from the following drawings. Refer to Terminals section for the dimensions of these terminals.
3. The
@ in the model number is for the terminal code.
4. The illustrations for V-21, V-16 and V-11 show a hole size of 3.1 mm. V-21, V-16 and V-11 models with a suffix “K” have a hole size of 2.9 mm.
5. The operating characteristics are for operation in the A direction (
).
Pin Plunger Models
(Without Barrier)
V-21-1 6
V-16-1 5
V-11-1 4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
20.2
±0.25
2.8
1.6
2.8
10.3
±0.1
PT
OP
22.2
±0.1
2.8
(12.0)
27.8
39.8
±0.8
2.8
8.4
15.9
19.1
0.6
4.2
2.8
10.3
(With Right-hand Barrier)
V-21-1 R6
V-16-1 R5
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
20.2
±0.25
2.8
1.6
2.8
10.3
±0.1
PT
OP
22.2
±0.1
2.8
(12.0)
27.8
39.8
±0.8
40.2
2.8
15.9
8.4
19.1
21.9
0.6
4.2
2.8
0.6
10.3
A
A
(With Left-hand Barrier)
V-21-1 L6
V-16-1 L5
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
2.8
0.6
4.2
0.6
10.3
2.8
19.1
15.9
8.4
21.9
1.6
20.2
±0.25
2.8
2.8
(12.0) 2.8
27.8
39.8
±0.8
22.2
±0.1
40.2
10.3
±0.1
PT
OP
A
Characteristics
V-21-1
@6
V-16-1
@5
OF max.
400 gf
200 gf
RF min.
80 gf
50 gf
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
± 0.4 mm
Characteristics
V-11-1
@4
V-11-1
@5
OF max.
100 gf
200 gf
RF min.
20 gf
50 gf
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
± 0.4 mm


同様の部品番号 - V-15G-3C5-K

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V-15G-3C5-K OMRON-V-15G-3C5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G-3C5-K OMRON-V-15G-3C5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G-3C5-K OMRON-V-15G-3C5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

同様の説明 - V-15G-3C5-K

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com