データシートサーチシステム |
|
V-15G3-1A5-K データシート(PDF) 4 Page - Omron Electronics LLC |
|
V-15G3-1A5-K データシート(HTML) 4 Page - Omron Electronics LLC |
4 / 16 page 124 Snap Action Switch V Thermosetting Case Standard models - 15 A / 10 A Note: 1. For SPST-NC and SPST-NO with levers consult Omron. 2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet. Heat Resistant Models (Up to 150 °C) - 15 A / 10A Note: 1. Add “G” to the part number in the appropriate location to obtain a 0.5 mm contact gap. Add “-K” to the part number in the appropriate location to obtain 2.9 mm mounting holes. Add “C2” to the part number in the appropriate location to obtain versions with #187 quick- connect terminals. Example: 1) V-15G1-1C25-T-K 2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet. Common terminal position Contact form Terminal style Actuator 15 A 10 A 200 gf 200 gf 100 gf Bottom SPDT A V-15G-1A5-K V-10G-1A5-K V-10G-1A4-K C2 V-15G-1C25-K V-10G-1C25-K V-10G-1C24-K C V-15G-1C5-K — — SPST-NCA V-15G-2A5-K V-10G-2A5-K V-10G-2A4-K C2 V-15G-2C25-K V-10G-2C25-K V-10G-2C24-K SPST-NOA V-15G-3A5-K V-10G-3A5-K V-10G-3A4-K C2 V-15G-3C25-K V-10G-3C25-K V-10G-3C24-K C V-15G-3C5-K — — Side SPDT A V-15G-4A5-K V-10G-4A5-K V-10G-4A4-K SPST-NC V-15G-5A5-K V-10G-5A5-K V-10G-5A4-K SPST-NO V-15G-6A5-K V-10G-6A5-K V-10G-6A4-K Bottom SPDT A V-15G1-1A5-K V-10G1-1A5-K V-10G1-1A4-K C2 V-15G1-1C25-K V-10G1-1C25-K V-10G1-1C24-K A V-15G2-1A5-K V-10G2-1A5-K V-10G2-1A4-K C2 V-15G2-1C25-K V-10G2-1C25-K V-10G2-1C24-K A V-15G3-1A5-K V-10G3-1A5-K V-10G3-1A4-K C2 V-15G3-1C25-K V-10G3-1C25-K V-10G3-1C24-K A V-15G4-1A5-K V-10G4-1A5-K V-10G4-1A4-K C2 V-15G4-1C25-K V-10G4-1C25-K V-10G4-1C24-K A V-15G5-1A5-K V-10G5-1A5-K V-10G5-1A4-K C2 V-15G5-1C25-K V-10G5-1C25-K V-10G5-1C24-K A V-15G6-1A5-K V-10G6-1A5-K V-10G6-1A4-K C2 V-15G6-1C25-K — V-10G6-1C24-K Common terminal position Contact form Terminal style Actuator 15 A 10 A 200 gf 100 gf Bottom SPDT Solder Terminals (A) V-15-1A5-T V-10-1A4-T V-151-1A5-T V-101-1A4-T V-152-1A5-T V-102-1A4-T V-153-1A5-T V-103-1A4-T V-154-1A5-T V-104-1A4-T V-155-1A5-T V-105-1A4-T V-156-1A5-T V-106-1A4-T Pin plunger Short hinge lever Hinge lever Long hinge lever Simulated roller lever Short hinge roller lever Hinge roller lever Pin plunger Short hinge lever Hinge lever Long hinge lever Simulated roller lever Short hinge roller lever Hinge roller lever |
同様の部品番号 - V-15G3-1A5-K |
|
同様の説明 - V-15G3-1A5-K |