データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

28-002.5-104T データシート(PDF) 1 Page - Aries Electronics, Inc.

部品番号 28-002.5-104T
部品情報  DIP Jumpers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARIES [Aries Electronics, Inc.]
ホームページ  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

28-002.5-104T データシート(HTML) 1 Page - Aries Electronics, Inc.

  28-002.5-104T Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series 100 thru 111 DIP Jumpers
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes,
and configurations can be furnished, depending on quantities. Aries
reserves the right to change product specifications without notice.
FEATURES:
• Aries offers a wide array of DIP jumper configurations and wiring possibilities for all
your programming needs.
• Reliable, electronically tested solder connections.
• Protective covers are ultrasonically welded on and
provide strain relief for cables.
• 10-color cable allows for easy identification and tracing.
• Consult factory for jumper lengths under 2.000 [50.80].
SPECIFICATIONS:
• Header body and cover is black UL 94V-0 4/6 Nylon.
• Header pins are Brass, 1/2 hard.
• Standard Pin plating is 10
μ [.25μm] min. Gold per MIL-G-45204 over 50 μ [1.27μm]
min. Nickel per QQ-N-290.
• Optional Plating:
“T” = 200
μ” [5.08μm] min. Matte Tin per ASTM B545-97 over 50μ” [1.27μm] min.
Nickel per QQ-N-290.
“TL” = 200
μ” [5.08μm] 90/10 Tin/Lead per MIL-T-10727 Type I over 50μ” [1.27μm]
min. Nickel per QQ-N-290.
• Cable insulation is UL Style 2697 Polyvinyl Chloride (PVC).
• Laminate is clear PVC, self-extinguishing. **
• .050 [1.27] pitch conductors are 28 AWG, 7/36 strand, Tinned Copper per ASTM B 33
(.039 [.99] pitch conductors are 26 AWG, 7/34 strand).
• Cable current rating=1 Amp @ 10°C [50°F] above
ambient.
• Cable voltage rating=300 Volts.
• Cable temperature rating=176°F [80°C].
• Cable capacitance=13.0 pf/ft. [42.7pf/meter] nominal
@1 MHz.**
• Crosstalk: 10’ sample, 5 ns rise time with 2 lines driven. Near end=4.7%;
Far end=4.3% nominal.**
• Propagation delay=1.5 ns/ft. [4.9 ns/meter] nominal.**
• Insulation resistance=1010 Ohms (10 ft. [3 meters] min.).
**Note: Applies to .050 [1.27] pitch cable only.
MOUNTING CONSIDERATIONS:
•Suggested PCB hole size=.033 ± .002 [.86 ±.05].
XX-XXXX-XXXXXX
ORDERING INFORMATION
SERIES
100
SERIES
101
HEADER DETAIL
“A”=(NO. OF CONDUCTORS X .050 [1.27) + .095 [2.41]
“B”=(NO. OF CONDUCTORS - 1) X .050 [1.27]
Cable length in inches:
Ex: 2” = -002-
2.5” = -002.5-
(min. length=2.”[50.80mm])
Note: 10, 12, 18, 20, & 28
conductor jumpers do not
have numbers on covers.
Numbers
shown pin
side for
reference
only.
Centers “C”
Dim. “D”
Available Sizes
.300 [7.62]
.395 [10.03]
4 thru 20
.400 [10.16]
.495 [12.57]
22
.600 [15.24]
.695 [17.65]
24, 28, 40
See Data Sheet No.
11007 for other
configurations and
additional information.
Optional suffix:
T=Tin plated header pins
TL= Tin/Lead plated
header pins
TW=twisted pair cable
ST=stripped and Tin
Dipped ends
(Series 106-111)
STL= stripped and
Tin/Lead Dipped Ends
(Series 106-111)
No. of conductors
(see table)
“L” ± .125
“L” ± .125
Jumper
series
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
11006
REV. H
All Dimensions: Inches [Millimeters]
All tolerances ± .005[.13]
unless otherwise specified
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com
abc


同様の部品番号 - 28-002.5-104T

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
28-002.5-171PTLHT ARIES-28-002.5-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
28-002.5-172PTLHT ARIES-28-002.5-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
28-002.5-173PTLHT ARIES-28-002.5-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

同様の説明 - 28-002.5-104T

メーカー部品番号データシート部品情報
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
   zero ohm jumpers
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
   Mount components, jumpers
logo
Omron Electronics LLC
XJ8 OMRON-XJ8 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
logo
KOA Speer Electronics, ...
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
   zero ohm jumpers
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
   FLEXSTRIP 짰 Jumpers
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com