データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38-002-172PTLHT データシート(PDF) 2 Page - Aries Electronics, Inc.

部品番号 38-002-172PTLHT
部品情報  Flat Pin Staked Flex Jumpers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARIES [Aries Electronics, Inc.]
ホームページ  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

38-002-172PTLHT データシート(HTML) 2 Page - Aries Electronics, Inc.

  38-002-172PTLHT Datasheet HTML 1Page - Aries Electronics, Inc. 38-002-172PTLHT Datasheet HTML 2Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series 171 thru 173
Flat Pin Staked Flex Jumpers
“A”=NO. OF CONDUCTORS X .100 [2.54]
“B”=(NO. OF CONDUCTORS -1) X .100 [2.54]
SERIES 171 - MALE/MALE
SERIES 173 - FEMALE/FEMALE
SERIES 172 - MALE/FEMALE
CABLE LENGTH “L” ± .125
CABLE LENGTH “L” ± .125
CABLE LENGTH “L” ± .125
ALL DIMENSIONS: INCHES [MILLIMETERS]
All Tolerance ± .005 [.13]
unless otherwise specified
11005
REV. J
Page 2 of 2
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com
abc


同様の部品番号 - 38-002-172PTLHT

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
38-00-0089 MOLEX3-38-00-0089 Datasheet
437Kb / 6P
   2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical Square Pin, 6 Circuits, Circuit 3 Voided
38-00-0090 MOLEX3-38-00-0090 Datasheet
437Kb / 6P
   2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Vertical Square Pin, 6 Circuits, Circuits 3, 4 & 5 Voided
38-00-0205 MOLEX-38-00-0205 Datasheet
274Kb / 4P
   KK (5.08)/.200 VERTICAL HEADER ASSEMBLY ROUND PIN
2010/12/06
38-00-0589 MOLEX11-38-00-0589 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 6 Circuits, 2 Female Terminal, 4 Male Terminals
38-00-0590 MOLEX11-38-00-0590 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093Pin and Socket Header, Shrouded, 6 Circuits, 3 Male Terminals, 1 Female Terminal, 2 Male Terminals
More results

同様の説明 - 38-002-172PTLHT

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
13-003-173 ARIES-13-003-173 Datasheet
272Kb / 3P
   Flat Pin Staked Flex Jumpers
logo
Molex Electronics Ltd.
15166-XXXX MOLEX2-15166-XXXX Datasheet
916Kb / 2P
   Premo-Flex??Flat Flex Cable Jumpers
0152670923 MOLEX1-0152670923 Datasheet
37Kb / 1P
   Premo-Flex Cable Jumpers
15015-0223 MOLEX2-15015-0223 Datasheet
713Kb / 2P
   Premo-Flex??Etched Polyimide Jumpers
0150200457 MOLEX2-0150200457 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
0150200303 MOLEX2-0150200303 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
logo
XFMRS Inc.
XFATM2RA-USBXU-2 XFMRS-XFATM2RA-USBXU-2 Datasheet
107Kb / 3P
   STAKED USB COMBO
XFGIB100APOL-STKVDXU4-4 XFMRS-XFGIB100APOL-STKVDXU4-4 Datasheet
182Kb / 2P
   2X2 STAKED COMBO
XFGIB100APOL-STKVDXU12-4 XFMRS-XFGIB100APOL-STKVDXU12-4 Datasheet
212Kb / 2P
   2X6 STAKED COMBO
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com