データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML-100 データシート(PDF) 1 Page - Aries Electronics, Inc.

部品番号 ML-100
部品情報  Mini-Link??Miniature Jumpers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ARIES [Aries Electronics, Inc.]
ホームページ  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

ML-100 データシート(HTML) 1 Page - Aries Electronics, Inc.

  ML-100 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Series ML-100
Mini-Link
Miniature Jumpers
Note: Aries specializes in custom design and production. In addition to the
standard products shown on this page, special materials, platings, sizes, and
configurations can be furnished, depending on quantities. Aries reserves the
right to change product specifications without notice.
FEATURES:
• Mini-Linkminiature jumpers are useful for jumpering .025
[.63] square pins on .100 [2.54] centers.
• Used to jumper from row-to-row or from pin-to-pin.
• Their miniature size makes it possible to st ack one on top
of the other.
• A convenient test probe slot is provided as well.
• Mini-Linksare available from the factory with or without a
handle, used for ease of inserting or extracting.
• Sold in multiples of 50.
SPECIFICATIONS:
• Body material is black UL 94V-0 Glass-filled 4/6 Nylon.
• Contacts are Beryllium Copper Alloy 174, spring
tempered, per ASTM B768.
• Standard contact plating is 20
μ [.51μm] Gold per
MIL-G-45204 over 50
μ [1.27μm] min. Nickel per
SAE-AMS-QQ-N-290.
• Current rating=3 Amps.
• Operating temperature= -67°F to 257°F [-55°C to 125°C]
• Insertion Force=210 ± 40 grams/pin.
• Withdrawal Force=180 ± 40 grams/pin.
• Minimum insertion depth=.075 [1.91].
ALL DIMENSIONS: INCHES [MILLIMETERS]
All tolerances ± .005 [.13]
unless otherwise specified
ORDERING INFORMATION
Part Number
Plating
Handle
ML-100
GOLD
YES
ML-100S
GOLD
NO
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
16002
REV. C
Bristol, PA USA
TEL: (215) 781-9956
FAX: (215) 781-9845
http://www.arieselec.com • info@arieselec.com
abc


同様の部品番号 - ML-100

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
More results

同様の説明 - ML-100

メーカー部品番号データシート部品情報
logo
Aries Electronics, Inc.
16002 ARIES-16002 Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
ME-100 ARIES-ME-100 Datasheet
121Kb / 1P
   Economy Mini-Link Miniature Jumper
16001 ARIES-16001 Datasheet
666Kb / 1P
   Series ME-100 Economy Mini-Link??Miniature Jumper
logo
Precid-Dip Durtal SA
110-87-320-41-005101 PREDIP-110-87-320-41-005101 Datasheet
4Mb / 29P
   MaLE JumpERS
logo
WECO ELECTRICAL CONNECT...
307-V WECO-307-V Datasheet
81Kb / 1P
   Jumpers Accessories
04.18
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
   SHUNTS JUMPERS
logo
Aries Electronics, Inc.
10-002-101T ARIES-10-002-101T Datasheet
181Kb / 1P
   DIP Jumpers
logo
KOA Speer Electronics, ...
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
   zero ohm jumpers
logo
Aries Electronics, Inc.
0517 ARIES-0517 Datasheet
656Kb / 1P
   Mount components, jumpers
logo
Omron Electronics LLC
XJ8 OMRON-XJ8 Datasheet
745Kb / 6P
   Header Plugs / Jumpers
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com