データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SAR544R データシート(PDF) 3 Page - Rohm

部品番号 2SAR544R
部品情報  Midium Power Transistors (-80V / -2.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

2SAR544R データシート(HTML) 3 Page - Rohm

  2SAR544R Datasheet HTML 1Page - Rohm 2SAR544R Datasheet HTML 2Page - Rohm 2SAR544R Datasheet HTML 3Page - Rohm 2SAR544R Datasheet HTML 4Page - Rohm 2SAR544R Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.A
Data Sheet
2SAR544R
Electrical characteristics curves
COLLECTOR - BASE VOLTAGE : VCB [V]
EMITTER - BASE VOLTAGE : VEB [V]
Fig.7 Emitter Input Capacitance vs.
Emitter-Base Voltage
Collector Output Capacitance vs.
Collector-Base Voltage
COLLECTOR CURRENT : IC[mA]
COLLECTOR CURRENT : IC[mA]
EMITTER CURRENT : IE[mA]
COLECTOR TO EMITTER VOLTAGE : VCE[V]
Fig.6 Ground Emitter Propagation
Characteristics
Fig.1 Typical Output Characteristics
COLLECTOR CURRENT : IC[mA]
Fig.2 DC Current Gain vs.
Collector Current (
Ι )
COLLECTOR CURRENT : IC[mA]
Fig3. DC Current Gain vs.
Collector Current (
ΙΙ )
Fig.4 Collector-Emitter Saturation Voltage
vs. Collector Current (
Ι )
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (
ΙΙ )
Fig.8 Gain Bandwidth Product vs.
Emitter Current
Fig.9 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : VCE[V]
BASE TO EMITTER VOLTAGE : VBE[V]
-1
-10
-100
-1000
-10000
0
-0.5
-1
-1.5
1
10
100
1000
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-0.01
-0.1
-1
10
100
1000
10
100
1000
-1
-10000
-1000
-100
-10
-1
-10000
-1000
-100
-10
-1
-10000
-1000
-100
-10
-0.01
-0.1
-1
-1
-10000
-1000
-100
-10
0.0
-0.5
-1.0
-1.5
-2.0
10
100
1000
10
100
1000
-0.001
-0.01
-0.1
-1
-10
Cob
Cib
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-2.5mA
-2.0mA
-1.5mA
-1.0mA
-0.5mA
-3.0mA
-5.0mA
-4.0mA
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
f=1MHz
IE=0A
IC=0A
IC/IB=20
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
IC/IB=50
20
10
VCE = -3V
VCE = -3V
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
VCE = -5V
-3V
100ms
10ms
1ms
Ta=25°C
VCE = -10V
Single pulse
DC Ta=25°C
(Mounted on a
recommended land)


同様の部品番号 - 2SAR544R

メーカー部品番号データシート部品情報
logo
Rohm
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
2SAR544P ROHM-2SAR544P Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SAR544P5 ROHM-2SAR544P5 Datasheet
1Mb / 9P
   Midium Power Transistors (-80V / -2.5V)
2SAR544PFRA ROHM-2SAR544PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-80V / -2.5A)
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
More results

同様の説明 - 2SAR544R

メーカー部品番号データシート部品情報
logo
Rohm
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
2SCR544P ROHM-2SCR544P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (80V / 2.5A)
2SCR544P5 ROHM-2SCR544P5 Datasheet
1Mb / 9P
   Midium Power Transistors (80V / 2.5A)
2SCR544R ROHM-2SCR544R_10 Datasheet
230Kb / 5P
   Midium Power Transistors (80V / 2.5A)
2SCR544D ROHM-2SCR544D Datasheet
425Kb / 6P
   Midium Power Transistors (80V / 2.5A)
2SCR514P ROHM-2SCR514P_10 Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
   Midium Power Transistors (80V / 1.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (80V / 700mA)
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com