データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC4137 データシート(PDF) 1 Page - Rohm

部品番号 2SC4137
部品情報  High frequency amplifier transistor, RF switching (6V, 50mA)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

2SC4137 データシート(HTML) 1 Page - Rohm

  2SC4137 Datasheet HTML 1Page - Rohm 2SC4137 Datasheet HTML 2Page - Rohm 2SC4137 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
High frequency amplifier transistor,
RF switching (6V, 50mA)
2SC4774 / 2SC4713K
Features
Dimensions (Unit : mm)
1) Very low output-on resistance (Ron).
2) Low capacitance.
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
12
6
3
50
0.2
150
−55 to +150
Unit
V
V
V
mA
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Packaging specifications and hFE
Type
2SC4774
UMT3
S
BM
T106
3000
2SC4713K
SMT3
S
BM
T146
3000
Denotes hFE
Package
hFE
Marking
Code
Basic ordering unit (pieces)
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
12
6
3
180
300
800
1
0.5
0.5
0.3
560
1.7
V
V
V
μA
μA
V
MHz
pF
IC
=10μA
IC
=1mA
IE
=10μA
VCB
=10V
VEB
=2V
IC/IB
=10mA/1mA
VCE/IC
=5V/5mA
VCE
=5V, IE= −10mA, f=200MHz
VCB
=10V, IE=0A, f=1MHz
Ron
2
−Ω
IB
=3mA, VI=100mVrms, f=500kHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Output-on resistance
This product might cause chip aging and breakdown under the large electrified environment.
Please consider to design ESD protection circuit.
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
2SC4774
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
EIAJ : SC-59
2SC4713K
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions


同様の部品番号 - 2SC4137

メーカー部品番号データシート部品情報
logo
Rohm
2SC4137 ROHM-2SC4137 Datasheet
37Kb / 1P
   FOR AUDIO TEMPERATUEE COMPENSATION CIRCUITS
More results

同様の説明 - 2SC4137

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SC4774 UTC-2SC4774_10 Datasheet
240Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Rohm
2SC4774 ROHM-2SC4774_09 Datasheet
162Kb / 3P
   High frequency amplifier transistor, RF switching (6V, 50mA)
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
   High frequency amplifier transistor RF switching (6V, 50mA)
logo
Unisonic Technologies
2SK508 UTC-2SK508_15 Datasheet
161Kb / 3P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
2SC4774 UTC-2SC4774_15 Datasheet
249Kb / 4P
   HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING
logo
Rohm
2SC4726 ROHM-2SC4726_1 Datasheet
74Kb / 3P
   High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz)
2SC5662 ROHM-2SC5662 Datasheet
64Kb / 2P
   High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
2SC5661 ROHM-2SC5661_09 Datasheet
193Kb / 4P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
2SC3837KT146P ROHM-2SC3837KT146P Datasheet
128Kb / 5P
   High-Frequency Amplifier Transistor (20V, 50mA, 1.5GHz)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com