データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1918 データシート(PDF) 1 Page - Rohm

部品番号 2SD1918
部品情報  Power Transistor (160V , 1.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

2SD1918 データシート(HTML) 1 Page - Rohm

  2SD1918_09 Datasheet HTML 1Page - Rohm 2SD1918_09 Datasheet HTML 2Page - Rohm 2SD1918_09 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Power Transistor (160V , 1.5A)
2SD1918 / 2SD1857A
Features
Dimensions (Unit : mm)
1) High breakdown voltage.(BVCEO=160V)
2) Low collector output capacitance.
(Typ. 20pF at VCB=10V)
3) High transition frequency.(fT=80MHZ)
4) Complements the 2SB1236A.
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
160
160
5
1.5
1
150
−55 ∼+150
Unit
V
V
V
A(DC)
3
∗2
∗1
A(Pulse)
W
W
1
10
W(Tc
=25°C)
2SD1857A
2SD1918
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector
power
dissipation
Junction temperature
Storage temperature
1 Pw
=200msec duty=1/2
2
Printed circuit board 1.7mm thick, collector plating 1cm
2 or larger.
Packaging specifications and hFE
Type
2SD1918
CPT3
QR
TL
2500
2SD1857A
ATV
PQ
TV2
2500
−−
Denotes hFE
Package
hFE
Code
Basic ordering unit (pieces)
Marking
*
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
160
160
5
120
80
20
1
1
2
390
V
V
V
µA
µA
V
hFE
82
270
2SD1918
2SD1857A
MHz
pF
IC
= 50
µA
IC
= 1mA
IE
= 50
µA
VCB
= 120V
VEB
= 4V
IC/IB
= 1A/0.1A
VBE(sat)
1.5
V
IC/IB
= 1A/0.1A
VCE/IC
= 5V/0.1A
VCE
= 5V , IE = −0.1A , f = 30MHz
VCB
= 10V , IE = 0A , f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current
transfer ratio
Transition frequency
Output capacitance
Base-emitter saturation voltage
Measured using pulse current.
EIAJ : SC-63
ROHM : CPT3
ROHM : ATV
2SD1857A
2SD1918
0.45
(2) Collector
1.05
(3) Base
Taping specifications
(1) Emitter
0.5
(1)
0.65Max.
2.54
(2)
2.54
(3)
6.8
2.5
9.5
2.5
0.8Min.
1.5
C0.5
0.9
1.5
5.5
(3) Emitter(Source)
(2) Collector(Drain)
(1) Base(Gate)


同様の部品番号 - 2SD1918_09

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
2SD1918-Q KEXIN-2SD1918-Q Datasheet
1Mb / 2P
   NPN Transistors
2SD1918-R KEXIN-2SD1918-R Datasheet
1Mb / 2P
   NPN Transistors
logo
Rohm
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
   Power Transistor (160V , 1.5A)
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
logo
Guangdong Kexin Industr...
2SD1918 KEXIN-2SD1918_15 Datasheet
1Mb / 2P
   NPN Transistors
More results

同様の説明 - 2SD1918_09

メーカー部品番号データシート部品情報
logo
Rohm
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
   Power Transistor (160V , 1.5A)
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275_09 Datasheet
175Kb / 4P
   Power Transistor (-160V, -1.5A)
2SB1275 ROHM-2SB1275 Datasheet
84Kb / 4P
   Power Transistor (-160V , -1.5A)
2SB1275 ROHM-2SB1275_13 Datasheet
471Kb / 7P
   PNP -1.5A -160V Middle Power Transistor
logo
Mospec Semiconductor
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
logo
Sanyo Semicon Device
2SA1507 SANYO-2SA1507_12 Datasheet
437Kb / 7P
   160V / 1.5A Switching Applications
2SA1249 SANYO-2SA1249 Datasheet
96Kb / 3P
   160V/1.5A Switching Applications
2SA1507 SANYO-2SA1507_10 Datasheet
66Kb / 5P
   160V / 1.5A Switching Applications
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com