データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1577 データシート(PDF) 1 Page - Wing Shing Computer Components

部品番号 2SD1577
部品情報  Silicon Diffused Power Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINGS [Wing Shing Computer Components]
ホームページ  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SD1577 データシート(HTML) 1 Page - Wing Shing Computer Components

  2SD1577 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Highvoltage,high-speed switching npn transistors in a
plastic envelope with integrated efficiency diode,prim-
arily for use in switching power circuites of colour
television receivers
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
VCESM
Collector-emitter voltage peak value
VBE = 0V
-
1500
V
VCEO
Collector-emitter voltage (open base)
-
600
V
IC
Collector current (DC)
-
3A
ICM
Collector current peak value
-
6A
Ptot
Total power dissipation
Tmb
25
-
40
W
VCEsat
Collector-emitter saturation voltage
IC = 3.0A; IB =0.8A
-
5V
Icsat
Collector saturation current
f = 16KHz
-
A
VF
Diode forward voltage
V
tf
Fall time
ICsat = 3.0A; f = 16KHz
1.0
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCESM
Collector-emitter voltage peak value
VBE = 0V
-
1500
V
VCEO
Collector-emitter voltage (open base)
-
600
V
IC
Collector current (DC)
-
3
A
ICM
Collector current peak value
-
6
A
IB
Base current (DC)
-
A
IBM
Base current peak value
-
A
Ptot
Total power dissipation
Tmb
25
-40
W
Tstg
Storage temperature
-65
150
Tj
Junction temperature
-
150
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
UNIT
ICE
Collector cut-off current
VBE = 0V; VCE = VCESMmax
-1.0
mA
ICES
VBE = 0V; VCE = VCESMmax
-2.5
mA
Tj = 125
VCEOsust
Collector-emitter sustaining voltage
IB = 0A; IC = 100mA
-
V
L = 25mH
VCEsat
Collector-emitter saturation voltages
IC = 3.0A; IB = 0.8A
-
5
V
VBEsat
Base-emitter satuation voltage
Ic=3.0A,IB=0.8A
-
1.5
V
hFE
DC current gain
IC = 0.5A; VCE = 5V
8
VF
Diode forward voltage
V
fT
Transition frequency at f = 5MHz
IC = 0.1A; VCE =10V
3
-
MHz
Cc
Collector capacitance at f = 1MHz
VCB = 10V
90
-
pF
ts
Switching times(16KHz line deflecton circuit)
IC=3A,IB(end)=0.8A,VCC=105V
s
tf
Turn-off storage time Turn-off fall time
IC=3A,IB(end)=0.8A,VCC=105V
0.7
1.0
s
ELECTRICAL CHARACTERISTICS
TOP-3Fa
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
2SD1577
Silicon Diffused Power Transistor


同様の部品番号 - 2SD1577

メーカー部品番号データシート部品情報
logo
Savantic, Inc.
2SD1577 SAVANTIC-2SD1577 Datasheet
116Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1577 ISC-2SD1577 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1577 SAVANTIC-2SD1577 Datasheet
117Kb / 3P
   Silicon NPN Power Transistors
More results

同様の説明 - 2SD1577

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com