データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD17313Q2 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD17313Q2
部品情報  30V N-Channel NexFET??Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CSD17313Q2 データシート(HTML) 3 Page - Texas Instruments

  CSD17313Q2 Datasheet HTML 1Page - Texas Instruments CSD17313Q2 Datasheet HTML 2Page - Texas Instruments CSD17313Q2 Datasheet HTML 3Page - Texas Instruments CSD17313Q2 Datasheet HTML 4Page - Texas Instruments CSD17313Q2 Datasheet HTML 5Page - Texas Instruments CSD17313Q2 Datasheet HTML 6Page - Texas Instruments CSD17313Q2 Datasheet HTML 7Page - Texas Instruments CSD17313Q2 Datasheet HTML 8Page - Texas Instruments CSD17313Q2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
G1
D1
M0179-01
S1
G1
D1
M0180-01
S1
t - Pulse Duration - s
p
0.0001
0.01
0.1
1
10
100
1k
0.001
0.01
0.1
1
10
G012
Duty Cycle = t /t
1 2
t
1
t
2
Typical R
= 182 C/W (min Cu)
T = P
Z
R
q
q
q
JA
J
JA
JA
°
´
´
P
Single Pulse
0.01
0.02
0.05
0.1
0.3
0.5
0.001
CSD17313Q2
www.ti.com
SLPS260A – MARCH 2010 – REVISED MARCH 2010
Max RqJA = 67°C/W
Max RqJA = 228°C/W
when mounted on
when mounted on a
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
Text Added For Spacing
Text Added For Spacing
Text Added For Spacing
Text Added For Spacing
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


同様の部品番号 - CSD17313Q2

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17313Q2 TI-CSD17313Q2 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI1-CSD17313Q2 Datasheet
412Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1T TI1-CSD17313Q2Q1T Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

同様の説明 - CSD17313Q2

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2_1010 TI-CSD17313Q2_1010 Datasheet
323Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com