データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA4558F データシート(PDF) 3 Page - Rohm

部品番号 BA4558F
部品情報  Operational Amplifiers: Low Noise
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA4558F データシート(HTML) 3 Page - Rohm

  BA4558F_09 Datasheet HTML 1Page - Rohm BA4558F_09 Datasheet HTML 2Page - Rohm BA4558F_09 Datasheet HTML 3Page - Rohm BA4558F_09 Datasheet HTML 4Page - Rohm BA4558F_09 Datasheet HTML 5Page - Rohm BA4558F_09 Datasheet HTML 6Page - Rohm BA4558F_09 Datasheet HTML 7Page - Rohm BA4558F_09 Datasheet HTML 8Page - Rohm BA4558F_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Technical Note
BA4558F,BA4560F,BA4558RF/FV/FVM,BA4560RF/FV/FVM,BA4580RF/FVM,
BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM
3/33
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics
BA4558R/BA4560R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Full range -40[℃]~+105[℃])
(*4)
Absolute value
(*5)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
Electrical characteristics
BA4580R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BA4580R family
Min.
Typ.
Max.
Input Offset Voltage (*6)
Vio
25℃
-
0.3
3
mV
Rs≦10[kΩ]
Input Offset Current (*6)
Iio
25℃
-
5
200
nA
-
Input Bias Current (*7)
Ib
25℃
-
100
500
nA
-
Large Single Voltage Gain
AV
25℃
90
110
-
dB
RL≧10[kΩ],VOUT=±10[V]
Maximum Output Voltage
VOM
25℃
±12
±13.5
-
V
RL≧2[kΩ]
Input Common-mode
Voltage Range
Vicm
25℃
±12
±13.5
-
V
-
Common-mode Rejection Ratio CMRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Power Supply Rejection Ratio
PSRR
25℃
80
110
-
dB
Rs≦10[kΩ]
Supply Current
ICC
25℃
-
6
9
mA
RL=∞ All Op-Amps,VIN+=0[V]
Slew Rate
SR
25℃
-
5
-
V/μsRL≧2[kΩ]
Unity Gain Frequency
ft
25℃
-
5
-
MHz RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.0005
-
%
Av=20[dB],VOUT=5[Vrms],RL=2[kΩ]
f=1[kHz],20[Hz]~20[kHz] BPF
Input Referred Noise Voltage
Vni
25℃
-
0.8
-
μVrms RIAA,Rs=2.2 [kΩ],30[kHz] LPF
(*6)
Absolute value
(*7)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BA4558R family
BA4560R family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*4)
Vio
25℃
-
0.5
6
-
0.5
6
mV
VOUT=0[V]
Full range
-
-
7
-
-
7
Input Offset Current (*4)
Iio
25℃
-
5
200
-
5
200
nA
VOUT=0[V]
Full range
-
-
200
-
-
200
Input Bias Current (*5)
Ib
25℃
-
60
500
-
50
500
nA
VOUT=0[V]
Full range
-
-
800
-
-
800
Supply Current
ICC
25℃
-
3
6
-
3
7
mA
RL=∞ All Op-Amps
VIN+=0[V]
Full range
-
-
6.5
-
-
7.5
Maximum Output Voltage
VOM
25℃
±10
±13
-
±12
±14
-
V
RL≧2[kΩ]
Full range
±10
-
-
-
-
-
25℃
-
-
-
±10
±11.5
-
Io=25[mA]
±12
±14
-
-
-
-
RL≧10[kΩ]
Large Single Voltage Gain
AV
25℃
86
100
-
86
100
-
dB
RL≧2[kΩ],VO=±10[V],
Vicm=0[V]
Full range
83
-
-
83
-
-
Input Common-mode
Voltage Range
Vicm
25℃
±12
±14
-
±12
±14
-
V
VOUT=±12[V]
Full range
±12
-
-
±12
-
-
Common-mode
Rejection Ratio
CMRR
25℃
70
90
-
70
90
-
dB
VOUT=±12[V]
Power Supply
Rejection Ratio
PSRR
25℃
76.5
90
-
76.5
90
-
dB
Ri≦10[kΩ]
Channel Separation
CS
25℃
-
105
-
-
105
-
dB
f=1[kHz]
Slew Rate
SR
25℃
-
1
-
-
4
-
V/μs
AV=0[dB],RL=10[kΩ]
CL=100[pF]
Unity Gain Frequency
ft
25℃
-
2
-
-
4
-
MHz
RL=2[kΩ]
Total Harmonic Distortion
THD
25℃
-
0.005
-
-
0.003
-
AV=20[dB],RL=10[kΩ]
VOUT=5[Vrms],f=1[kHz]
Input Referred
Noise Voltage
Vn
25℃
-
12
-
-
8
-
Hz
nV/
RS=100[Ω],Vi=0[V]
,f=1[kHz]


同様の部品番号 - BA4558F_09

メーカー部品番号データシート部品情報
logo
Rohm
BA4558F-DXE1 ROHM-BA4558F-DXE1 Datasheet
290Kb / 3P
   Design support Document
BA4558F-DXE2 ROHM-BA4558F-DXE2 Datasheet
290Kb / 3P
   Design support Document
BA4558F-DXTL ROHM-BA4558F-DXTL Datasheet
290Kb / 3P
   Design support Document
BA4558F-DXTR ROHM-BA4558F-DXTR Datasheet
290Kb / 3P
   Design support Document
BA4558F-E2 ROHM-BA4558F-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
More results

同様の説明 - BA4558F_09

メーカー部品番号データシート部品情報
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com