データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6219BFP-Y データシート(PDF) 3 Page - Rohm

部品番号 BA6219BFP-Y
部品情報  Reversible motor drivers (up to 2A series)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6219BFP-Y データシート(HTML) 3 Page - Rohm

  BA6219BFP-Y_09 Datasheet HTML 1Page - Rohm BA6219BFP-Y_09 Datasheet HTML 2Page - Rohm BA6219BFP-Y_09 Datasheet HTML 3Page - Rohm BA6219BFP-Y_09 Datasheet HTML 4Page - Rohm BA6219BFP-Y_09 Datasheet HTML 5Page - Rohm BA6219BFP-Y_09 Datasheet HTML 6Page - Rohm BA6219BFP-Y_09 Datasheet HTML 7Page - Rohm BA6219BFP-Y_09 Datasheet HTML 8Page - Rohm BA6219BFP-Y_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Technical Note
3/10
BA6219BFP-Y, BA6222
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves (Reference data)
Fig.1 Supply current 1 (standby)
Fig.2 Supply current 2 (reverse)
Fig.3 Supply current 3 (brake)
(BA6219BFP-Y)
(BA6219BFP-Y)
(BA6219BFP-Y)
Fig.4 Supply current 1 (standby)
Fig.5 Supply current 2 (reverse)
Fig.6 Supply current 3 (brake)
(BA6222)
(BA6222)
(BA6222)
Fig.7 Output high voltage
Fig.8 Output high voltage
Fig.9 Output low voltage
(BA6219BFP-Y)
(BA6222)
(BA6219BFP-Y)
Fig.10 Output low voltage
Fig.11 Thermal derating curve
Fig.12 Thermal derating curve
(BA6222)
(HSOP25)
(HSIP10)
0.5
1.0
1.5
2.0
8
10
1214
1618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
15
20
25
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
20
30
40
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
0.5
1.0
1.5
2.0
8
10
1214
1618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
15
20
25
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
10
20
30
40
8
1012141618
Supply Voltage: Vcc [V]
-25°C
25°C
75°C
6.0
6.5
7.0
7.5
8.0
0
0.5
1
1.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
-25°C
25°C
75°C
9.0
9.5
10.0
10.5
11.0
0
0.5
1
1.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
00.5
11.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1
1.5
2
Output Current: Iout [A]
75°C
25°C
-25°C
0
1
2
3
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i)0.85W
ii)1.45W
ii) Mounted on ROHM standard PCB
(70mm x 70mm x 1.6mm FR4 glass-epoxy board)
i) Package only
0
1
2
3
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [°C]
i) 2.0W
i) Without heat sink


同様の部品番号 - BA6219BFP-Y_09

メーカー部品番号データシート部品情報
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
More results

同様の説明 - BA6219BFP-Y_09

メーカー部品番号データシート部品情報
logo
Rohm
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6246 ROHM-BA6246_09 Datasheet
360Kb / 16P
   Reversible motor drivers (for two motors series)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com