データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA6246 データシート(PDF) 3 Page - Rohm

部品番号 BA6246
部品情報  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA6246 データシート(HTML) 3 Page - Rohm

  BA6246_09 Datasheet HTML 1Page - Rohm BA6246_09 Datasheet HTML 2Page - Rohm BA6246_09 Datasheet HTML 3Page - Rohm BA6246_09 Datasheet HTML 4Page - Rohm BA6246_09 Datasheet HTML 5Page - Rohm BA6246_09 Datasheet HTML 6Page - Rohm BA6246_09 Datasheet HTML 7Page - Rohm BA6246_09 Datasheet HTML 8Page - Rohm BA6246_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Technical Note
3/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (BA6239A, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
12
24
mA
IN1, IN2, IN3=L, RL=∞
Input threshold voltage H
VIH
4.0
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10.5
11.2
-
V
RL=100Ω
Output voltage L
VOL
-
0.8
1.5
V
RL=100Ω
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, RL=∞, VCC2 current
Electrical characteristics (BA6238A, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
12
24
mA
IN1, IN2, IN3=L, RL=∞
Input threshold voltage H
VIH
4.0
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10.0
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.8
1.5
V
IO=0.5A, VR=OPEN
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, RL=∞, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.2
0.6
1.5
mA
VR=6V, IO=0.5A
Electrical characteristics (BA6238AN, unless otherwise specified, Ta=25°C and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current
ICC
-
12
24
mA
IN1, IN2, IN3=L, RL=∞
Input threshold voltage H
VIH
4.0
-
-
V
Input threshold voltage L
VIL
-
-
1.0
V
Output voltage H
VOH
10.0
10.5
-
V
IO=0.5A, VR=OPEN
Output voltage L
VOL
-
0.8
1.5
V
IO=0.5A, VR=OPEN
Output leak current
IOL
-
-
1
mA
IN1, IN2, IN3=L, RL=∞, VCC2 current
Output offset voltage
VOFS
-0.5
0
0.5
V
VR=6V, IO=0.5A, VOH-VR
VR bias current
I8
0.2
0.6
1.5
mA
VR=6V, IO=0.5A


同様の部品番号 - BA6246_09

メーカー部品番号データシート部品情報
logo
Rohm
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
121Kb / 6P
   Reversible motor driver
More results

同様の説明 - BA6246_09

メーカー部品番号データシート部品情報
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246 ROHM-BA6246 Datasheet
278Kb / 5P
   Reversible Motor Driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238AN ROHM-BA6238AN Datasheet
276Kb / 5P
   Reversible Motor Driver for 2 motors
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com