データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA7622F データシート(PDF) 2 Page - Rohm

部品番号 BA7622F
部品情報  Standard 3-output Video Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA7622F データシート(HTML) 2 Page - Rohm

  BA7622F_09 Datasheet HTML 1Page - Rohm BA7622F_09 Datasheet HTML 2Page - Rohm BA7622F_09 Datasheet HTML 3Page - Rohm BA7622F_09 Datasheet HTML 4Page - Rohm BA7622F_09 Datasheet HTML 5Page - Rohm BA7622F_09 Datasheet HTML 6Page - Rohm BA7622F_09 Datasheet HTML 7Page - Rohm BA7622F_09 Datasheet HTML 8Page - Rohm BA7622F_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BA7622F, BA7623F
Technical Note
2/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●Operating range (Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
4.5~5.5
V
Note: This IC is not designed to be radiation-resistant..
●Electrical characteristics (Unless otherwise specified, Ta=25℃, Vcc=5 V and 2 lines are driven.)
BA7622F
Parameter
Symbol
Min.
Typ.
Max
Unit
Conditions
Circuit Current
Icc
-
23.6
35.4
mA
No signal
Maximum output level
Vom
2.8
3.3
-
Vp-p
f=1kHz,THD=1.0%
Voltage gain
Gv
-1.2
-0.6
0
dB
f=1kHz,VIN=2.0Vp-p
Frequency characteristic
Gf
-3
0
1.3
dB
10kHz/1MHz, VIN=1.0Vp-p
Differential gain 75Ωdrive1
DG1
-
0.4
1.0
%
VIN=2.0Vp-p,Standard staircase signal
Differential phase 75Ωdrive1
DP1
-
0.4
1.0
deg
VIN=2.0Vp-p, Standard staircase signal
Differential gain 75Ωdrive2
DG2
-
0.7
2.0
%
VIN=2.0Vp-p, Standard staircase signal
Differential phase 75Ωdrive2
DP2
-
0.7
2.0
deg
VIN=2.0Vp-p, Standard staircase signal
Interchannel crosstalk
CT
-
-60
-
dB
f=4.43MHz, VIN=2.0Vp-p
Input impedance(VIN3)
ZIN3
17
20
23
Total harmonic distortion(VIN3)
THD32
-
0.1
0.5
%
f=1kHz,VIN=1.0Vp-p
BA7623F
Parameter
Symbol
Min.
Typ.
Max
Unit
Conditions
Circuit Current
Icc
-
25.2
37.8
mA
No signal
Maximum output level
Vom
2.9
3.4
-
Vp-p
f=1kHz,THD=1.0%
Voltage gain
Gv
-1.0
-0.5
0
dB
f=1kHz,VIN=2.0Vp-p
Frequency characteristics
Gf
-3
0
1
dB
10kHz/1MHz, VIN=1.0Vp-p
Differential gain 75Ωdrive1
DG1
-
0.4
1.0
%
VIN=2.0Vp-p, Standard staircase signal
Differential phase 75Ωdrive1
DP1
-
0.4
1.0
deg
VIN=2.0Vp-p, Standard staircase signal
Differential gain 75Ωdrive2
DG2
-
0.7
2.0
%
VIN=2.0Vp-p, Standard staircase signal
Differential phase 75Ωdrive2
DP2
-
0.7
2.0
deg
VIN=2.0Vp-p, Standard staircase signal
Interchannel crosstalk
CT
-
-60
-
dB
f=4.43MHz, VIN=2.0Vp-p
Total harmonic distortion
THD
-
0.1
0.5
%
f=1kHz,VIN=1.0Vp-p
●Block diagram
Fig.1 BA7622F
Fig.2 BA7623F
GND
IN1
IN2
IN3
OUT1
OUT2
OUT3
VCC
1
2
3
4
8
7
6
5
75
driver
75
driver
75
driver
GND
IN1
IN2
IN3
OUT1
OUT2
OUT3
VCC
Bias
Clamp
Clamp
20k
1
2
3
4
8
7
6
5
75
driver
75
driver
75
driver


同様の部品番号 - BA7622F_09

メーカー部品番号データシート部品情報
logo
Rohm
BA7622F ROHM-BA7622F Datasheet
77Kb / 7P
   75??driver IC with 3 internal circuits
More results

同様の説明 - BA7622F_09

メーカー部品番号データシート部品情報
logo
Rohm
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
   Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
   Standard Definition Video Driver
logo
Guangdong Kexin Industr...
2SA1724 KEXIN-2SA1724 Datasheet
374Kb / 3P
   Video Output Driver Applications
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com