データシートサーチシステム |
|
BA2904F データシート(PDF) 2 Page - Rohm |
|
BA2904F データシート(HTML) 2 Page - Rohm |
2 / 25 page Technical Note BA10358F/FV,BA10324AF/FV,BA2904SF/FV/FVM,BA2904F/FV/FVM,BA2904HFVM-C, BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM 2/24 www.rohm.com 2009.05 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. ● Absolute Maximum Ratings (Ta=25[℃]) ○ BA10358 family,BA10324A family Parameter Symbol Rating Unit BA10358 family BA10324A family Supply Voltage VCC-VEE +32 V Differential Input Voltage (*1) Vid VCC-VEE V Input Common-mode Voltage Range Vicm VEE~VCC V Operating Temperature Range Topr -40~+85 ℃ Storage Temperature Range Tstg -55~+125 ℃ Maximum Junction Temperature Tjmax +125 ℃ Note bsolute maximum rating item indicates the condition which must not be exceeded. Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of characteristics. (*1) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. ● Electric Characteristics ○ BA10358 family,BA10324A family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃]) Parameter Symbol Temperature Range Guaranteed limit Unit Condition BA10358 family BA10324A family Min. Typ. Max. Min. Typ. Max. Input Offset Voltage Vio 25℃ - 2 7 - 2 7 mV RS=50[Ω] Input Offset Current Iio 25℃ - 5 50 - 5 50 nA - Input Bias Current (*2) Ib 25℃ - 45 250 - 20 250 nA - Supply Current ICC 25℃ - 0.7 1.2 - 0.6 2 mA RL=∞, All Op-Amps High LevelOutput Voltage VOH 25℃ - - - VCC-1.5 - - V RL=2[kΩ] Low Level Output Voltage VOL 25℃ - - - - - 250 mV RL=2[kΩ] Large Signal Voltage Gain AV 25℃ 25 100 - 25 100 - V/mV RL≧2[kΩ],VCC=15[V] Input Common-mode Voltage Range Vicm 25℃ 0 - VCC-1.5 0 - VCC-1.5 V - Common-mode Rejection Ratio CMRR 25℃ 65 80 - 65 75 - dB - Power Supply Rejection Ratio PSRR 25℃ 65 100 - 65 100 - dB RS=50[Ω] Output SourceCurrent IOH 25℃ 10 20 - 20 35 - mA VIN+=1[V],VIN-=0[V],VOUT=0[V] Output SinkCurrent IOL 25℃ 10 20 - 10 20 - mA VIN+=0[V],VIN-=1[V],VOUT=VCC Output Voltage Range Vo 25℃ 0 - VCC-1.5 - - - V RL=2[kΩ] Channel Separation CS 25℃ - 120 - - 120 - dB f=1[kHz], input referred (*2) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
同様の部品番号 - BA2904F |
|
同様の説明 - BA2904F |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |