データシートサーチシステム |
|
BA2902SKN データシート(PDF) 9 Page - Rohm |
|
BA2902SKN データシート(HTML) 9 Page - Rohm |
9 / 25 page Technical Note BA10358F/FV,BA10324AF/FV,BA2904SF/FV/FVM,BA2904F/FV/FVM,BA2904HFVM-C, BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM 9/24 www.rohm.com 2009.05 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. 0 0.4 0.8 1.2 1.6 2 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 0 200 400 600 800 1000 0 25 50 75 100 125 AMBIENT TEMPERTURE [℃] . 0 10 20 30 40 -50-25 0 25 50 75100 AMBIENT TEMPERAURE [℃] ○ BA10324A family (*)The data above is ability value of sample, it is not guaranteed. Supply Current - Ambient Temperature Output Sink Current - Ambient Temperature (VOUT=VCC) 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 0.0 0.4 0.8 1.2 1.6 2.0 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 25℃ 85℃ BA10324A family - 40℃ BA10324A family 3V 32V 5V BA10324AFV BA10324A family BA10324AF -40℃ 25℃ 85℃ BA10324A family 0 1 2 3 4 5 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE[℃] BA10324A family 0 10 20 30 40 50 012 34 5 OUTPUT VOLTAGE [V] -40℃ 25℃ 85℃ BA10324A family 0 10 20 30 40 50 - 50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 15V 3V 5V BA10324A family 0.001 0.01 0.1 1 10 100 0.0 0.4 0.8 1.2 1.6 2.0 OUTPUT VOLTAGE [V] -40℃ 25℃ 85℃ BA10324A family 3V 5V 15V BA10324A family 0 10 20 30 40 50 60 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] -40℃ 85℃ 25℃ BA10324A family 0 10 20 30 40 50 60 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 32V 5V 3V BA10324A family -8 -6 -4 -2 0 2 4 6 8 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] -40℃ 25℃ 85℃ BA10324A family Derating Curve Supply Current - Supply Voltage Output Source Current - Output Voltage (VCC=5[V]) Output Source Current - Ambient Temperature (VOUT=0[V]) Output Sink Current - Output Voltage (VCC=5[V]) Low Level Sink Current – Supply Voltage (VOUT=0.2[V]) Low Level Sink Current – Ambient Temperature (VOUT=0.2[V]) Input Offset Voltage - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) Maximum Output Voltage – Supply Voltage ( RL=10[kΩ]) Maximum Output Voltage – Ambient Temperature (VCC=5[V],RL=2[kΩ]) Fig. 25 Fig. 26 Fig. 27 Fig. 28 Fig. 29 Fig. 30 Fig. 31 Fig. 32 Fig. 33 Fig. 34 Fig. 35 Fig. 36 |
同様の部品番号 - BA2902SKN |
|
同様の説明 - BA2902SKN |