データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA2902F データシート(PDF) 2 Page - Rohm

部品番号 BA2902F
部品情報  Operational Amplifiers: Ground Sense
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA2902F データシート(HTML) 2 Page - Rohm

  BA2902F Datasheet HTML 1Page - Rohm BA2902F Datasheet HTML 2Page - Rohm BA2902F Datasheet HTML 3Page - Rohm BA2902F Datasheet HTML 4Page - Rohm BA2902F Datasheet HTML 5Page - Rohm BA2902F Datasheet HTML 6Page - Rohm BA2902F Datasheet HTML 7Page - Rohm BA2902F Datasheet HTML 8Page - Rohm BA2902F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Technical Note
BA10358F/FV,BA10324AF/FV,BA2904SF/FV/FVM,BA2904F/FV/FVM,BA2904HFVM-C,
BA2902SF/FV/KN,BA2902F/FV/KN,BA3404F/FVM
2/24
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Absolute Maximum Ratings (Ta=25[℃])
BA10358 family,BA10324A family
Parameter
Symbol
Rating
Unit
BA10358 family
BA10324A family
Supply Voltage
VCC-VEE
+32
V
Differential Input Voltage
(*1)
Vid
VCC-VEE
V
Input Common-mode Voltage Range
Vicm
VEE~VCC
V
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
Maximum Junction Temperature
Tjmax
+125
Note bsolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
Electric Characteristics
BA10358 family,BA10324A family(Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
Range
Guaranteed limit
Unit
Condition
BA10358 family
BA10324A family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage
Vio
25℃
-
2
7
-
2
7
mV
RS=50[Ω]
Input Offset Current
Iio
25℃
-
5
50
-
5
50
nA
-
Input Bias Current (*2)
Ib
25℃
-
45
250
-
20
250
nA
-
Supply Current
ICC
25℃
-
0.7
1.2
-
0.6
2
mA
RL=∞, All Op-Amps
High LevelOutput Voltage
VOH
25℃
-
-
-
VCC-1.5
-
-
V
RL=2[kΩ]
Low Level Output Voltage
VOL
25℃
-
-
-
-
-
250
mV
RL=2[kΩ]
Large Signal Voltage Gain
AV
25℃
25
100
-
25
100
-
V/mV RL≧2[kΩ],VCC=15[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
0
-
VCC-1.5
V
-
Common-mode Rejection Ratio
CMRR
25℃
65
80
-
65
75
-
dB
-
Power Supply
Rejection Ratio
PSRR
25℃
65
100
-
65
100
-
dB
RS=50[Ω]
Output SourceCurrent
IOH
25℃
10
20
-
20
35
-
mA
VIN+=1[V],VIN-=0[V],VOUT=0[V]
Output SinkCurrent
IOL
25℃
10
20
-
10
20
-
mA
VIN+=0[V],VIN-=1[V],VOUT=VCC
Output Voltage Range
Vo
25℃
0
-
VCC-1.5
-
-
-
V
RL=2[kΩ]
Channel Separation
CS
25℃
-
120
-
-
120
-
dB
f=1[kHz], input referred
(*2)
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


同様の部品番号 - BA2902F

メーカー部品番号データシート部品情報
logo
Rohm
BA2902F ROHM-BA2902F Datasheet
325Kb / 6P
   GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA2902F ROHM-BA2902F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2902F ROHM-BA2902F Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2902F ROHM-BA2902F Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2902F ROHM-BA2902F Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

同様の説明 - BA2902F

メーカー部品番号データシート部品情報
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com