データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD2055AFJ データシート(PDF) 1 Page - Rohm

部品番号 BD2055AFJ
部品情報  1ch Small Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD2055AFJ データシート(HTML) 1 Page - Rohm

  BD2055AFJ Datasheet HTML 1Page - Rohm BD2055AFJ Datasheet HTML 2Page - Rohm BD2055AFJ Datasheet HTML 3Page - Rohm BD2055AFJ Datasheet HTML 4Page - Rohm BD2055AFJ Datasheet HTML 5Page - Rohm BD2055AFJ Datasheet HTML 6Page - Rohm BD2055AFJ Datasheet HTML 7Page - Rohm BD2055AFJ Datasheet HTML 8Page - Rohm BD2055AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Power Management Switch IC Series for PCs and Digital Consumer Product
1ch Small Current Output
USB High Side Switch ICs
BD2045AFJ, BD2055AFJ
Description
Single channel high side switch IC for USB port is a high side switch having over current protection used in power supply line
of universal serial bus (USB).
N-channel power MOSFET of low on resistance and low supply current are realized in this IC.
And, over current detection circuit, thermal shutdown circuit, under voltage lockout and soft start circuit are built in.
Features
1) Low on resistance 80mΩ Nch MOSFET Switch.
2) Continuous current load 0.25A
3) Control input logic
Active-Low : BD2045AFJ
Active-High : BD2055AFJ
4) Soft start circuit
5) Over current detection
6) Thermal shutdown
7) Under voltage lockout
8) Open drain error flag output
9) Reverse-current protection when power switch off
10) Power supply voltage range 2.7V to 5.5V
11) TTL Enable input
12) 1.2ms typical rise time
13) 10μA max standby current
14) Operating temperature range -40°C to 85°C
Applications
USB hub in consumer appliances, Car accessory, PC, PC peripheral equipment, and so forth
Lineup
Parameter
BD2045AFJ
BD2055AFJ
Continuous current load (A)
0.25
0.25
Output current at short (A)
0.5
0.5
Control input logic
Low
High
Absolute Maximum Ratings
Parameter
Symbol
Limits
Unit
Supply voltage
VIN
-0.3 to 6.0
V
Enable voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
°C
Power dissipation
PD
560
*1
mW
*1 In the case of exceeding Ta = 25°C, 4.48mW should be reduced per 1°C.
*
This chip is not designed to protect itself against radioactive rays.
Operating conditions
Parameter
Symbol
Limits
Unit
Operating voltage
VIN
2.7 to 5.5
V
Operating temperature
TOPR
-40 to 85
°C
Continuous output current
ILO
0 to 250
mA
No.09029EAT04


同様の部品番号 - BD2055AFJ

メーカー部品番号データシート部品情報
logo
Rohm
BD2055AFJ ROHM-BD2055AFJ Datasheet
312Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2055AFJ ROHM-BD2055AFJ Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2055AFJ-E2 ROHM-BD2055AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
More results

同様の説明 - BD2055AFJ

メーカー部品番号データシート部品情報
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com