データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3506EFV データシート(PDF) 2 Page - Rohm

部品番号 BD3506EFV
部品情報  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3506EFV データシート(HTML) 2 Page - Rohm

  BD3506EFV Datasheet HTML 1Page - Rohm BD3506EFV Datasheet HTML 2Page - Rohm BD3506EFV Datasheet HTML 3Page - Rohm BD3506EFV Datasheet HTML 4Page - Rohm BD3506EFV Datasheet HTML 5Page - Rohm BD3506EFV Datasheet HTML 6Page - Rohm BD3506EFV Datasheet HTML 7Page - Rohm BD3506EFV Datasheet HTML 8Page - Rohm BD3506EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/16
ABSOLUTE MAXIMUM RATINGS
BD3506F
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
Parameter
Symbol
BD3506F
BD3506EFV
Unit
Input Voltage1
VCC
7 *
1
7 *
1
V
Input Voltage2
VIN
7 *
1
7 *
1
V
Enable Input Voltage
Ven
7
7
V
Power Dissipation1
Pd1
560 *
2
-
mW
Power Dissipation2
Pd2
690 *
3
1000 *
4
mW
Operating Temperature Range
Topr
-10~+100
-10~+100
Storage Temperature Range
Tstg
-55~+125
-55~+125
Maximum Junction Temperature
Tjmax
+150
+150
*1 However, not exceeding Pd.
*2 In the case of Ta≥25°C (no heat radiation board), derated at 4.48 mW/°C.
*3 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate), derated at 5.52 mW/°C.
*4 In the case of Ta≥25°C (when mounting to 70mmx70mmx1.6mm glass epoxy substrate), derated at 8.00 mW/°C.
RECOMMENDED OPERATING CONDITIONS
BD3506F/EFV
RECOMMENDED OPERATING CONDITIONS(Ta=25℃)
Parameter
Symbol
MIN
MAX
Unit
Input Voltage1
VCC
4.3
5.5
V
Input Voltage2
VIN
1.2
VCC-1 *
5
V
Output Voltage
Vo
VFB
2.5
V
Enable Input Voltage
Ven
-0.3
5.5
V
Capacitor in NRCS pin
CNRCS
0.001
1
uF
*5 However, irrespective of charging order of VCC and VIN.
* No radiation-resistant design is adopted for the present product.


同様の部品番号 - BD3506EFV

メーカー部品番号データシート部品情報
logo
Rohm
BD3506EFV ROHM-BD3506EFV Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
More results

同様の説明 - BD3506EFV

メーカー部品番号データシート部品情報
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com