データシートサーチシステム |
|
BD3538HFN データシート(PDF) 3 Page - Rohm |
|
BD3538HFN データシート(HTML) 3 Page - Rohm |
3 / 12 page 3/10 ● OPERATING CONDITIONS (Ta=25℃) Parameter Symbol MIN MAX Unit Input Voltage VCC 2.7 5.5 V Termination Input Voltage VTT_IN 1.0 5.5 V VDDQ Reference Voltage VDDQ 1.0 2.75 V Enable Input Voltage VEN -0.3 5.5 V ★ No radiation-resistant design is adopted for the present product. ● ELECTRICAL CHARACTERISTICS (unless otherwise noted, Ta=25℃ VCC=3.3V VEN=3V VDDQ=1.8V VTT_IN=1.8V) Parameter Symbol Standard Value Unit Condition MIN TYP MAX Standby Current IST - 0.5 1.0 mA VEN=0V Bias Current ICC - 2 4 mA VEN=3V [Enable] High Level Enable Input Voltage VENHIGH 2.3 - 5.5 V Low Level Enable Input Voltage VENLOW -0.3 - 0.8 V Enable Pin Input Current IEN - 7 10 uA VEN=3V [Termination] Termination Output Voltage 1 VTT1 VREF-30m VREF VREF+30m V ITT=-1.0A to 1.0A Ta=0℃ to 105℃ *6 Termination Output Voltage 2 VTT2 VREF-30m VREF VREF+30m V VCC=5V, VDDQ=2.5V VTT_IN=2.5V ITT=-1.0A to 1.0A Ta=0℃ to 105℃ *6 Source Current ITT+ 1.0 - - A Sink Current ITT- - - -1.0 A Load Regulation ⊿ VTT - - 50 mV ITT=-1.0A to 1.0A Line Regulation Reg.l - 20 40 mV Upper Side ON Resistance 1 HRON1 - 0.45 0.9 Ω Lower Side ON Resistance 1 LRON1 - 0.45 0.9 Ω Upper Side ON Resistance 2 HRON2 - 0.4 0.8 Ω VCC=5V, VDDQ=2.5V VTT_IN=2.5V Lower Side ON Resistance 2 LRON2 - 0.4 0.8 Ω VCC=5V, VDDQ=2.5V VTT_IN=2.5V [Reference Voltage Input] Input Impedance ZVDDQ 70 100 130 kΩ Output Voltage 1 VREF1 1/2×VDDQ -18m 1/2× VDDQ 1/2×VDDQ +18m V IREF=-5mA to 5mA Ta=0℃ to 105℃ *6 Output Voltage 2 VREF2 1/2×VDDQ -40m 1/2× VDDQ 1/2×VDDQ +40m V IREF=-10mA to 10mA Ta=0℃ to 105℃ *6 Output Voltage 3 VREF3 1/2×VDDQ -25m 1/2× VDDQ 1/2×VDDQ +25m V VCC=5V, VDDQ=2.5V VTT_IN=2.5V IREF=-5mA to 5mA Ta=0℃ to 105℃ *6 Output Voltage 4 VREF4 1/2×VDDQ -40m 1/2× VDDQ 1/2×VDDQ +40m V VCC=5V, VDDQ=2.5V VTT_IN=2.5V ITT=-10mA to 10mA Ta=0℃ to 105℃ *6 [UVLO] Threshold Voltage VUVLO 2.40 2.55 2.70 V VCC : sweep up Hysteresis Voltage ⊿ VUVLO 100 160 220 mV VCC : sweep down *6 Design Guarantee |
同様の部品番号 - BD3538HFN |
|
同様の説明 - BD3538HFN |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |