データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3540NUV データシート(PDF) 2 Page - Rohm

部品番号 BD3540NUV
部品情報  Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3540NUV データシート(HTML) 2 Page - Rohm

  BD3540NUV Datasheet HTML 1Page - Rohm BD3540NUV Datasheet HTML 2Page - Rohm BD3540NUV Datasheet HTML 3Page - Rohm BD3540NUV Datasheet HTML 4Page - Rohm BD3540NUV Datasheet HTML 5Page - Rohm BD3540NUV Datasheet HTML 6Page - Rohm BD3540NUV Datasheet HTML 7Page - Rohm BD3540NUV Datasheet HTML 8Page - Rohm BD3540NUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BD3540NUV, BD3541NUV
Technical Note
2/16
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings
BD3540NUV, BD3541NUV
Parameter
Symbol
Limit
Unit
BD3540NUV
BD3541NUV
Input Voltage 1
VCC
+6.0 *
1
V
Input Voltage 2
VIN
+6.0 *
1
V
Enable Input Voltage
Ven
-0.3~+6.0
V
PGOOD Input Voltage
VPGOOD
+6.0
*1
V
Power Dissipation 1
Pd1
0.70
*2
W
Power Dissipation 2
Pd2
1.27
*2
W
Power Dissipation 3
Pd3
3.03
*2
W
Operating Temperature Range
Topr
-10~+100
Storage Temperature Range
Tstg
-55~+150
Junction Temperature
Tjmax
+150
*1 Should not exceed Pd.
*2 Reduced by 5.6mW/℃ for each increase in Ta≧25℃ (when mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, 1-layer)
On less than 0.2% (percentage occupied by copper foil.
*3 Reduced by 10.1mW/℃ for each increase in Ta≧25℃ (when mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, 1-layer)
On less than 7.0% (percentage occupied by copper foil.
*4 Reduced by 24.2mW/℃ for each increase in Ta≧25℃ (when mounted on a 74.2mm×74.2mm×1.6mm glass-epoxy board, 1-layer)
On less than 65.0% (percentage occupied by copper foil.
Operating Voltage(Ta=25℃)
BD3540NUV, BD3541NUV
Parameter
Symbol
Min.
Max.
Unit
Input Voltage 1
VCC
3.0
5.5
V
Input Voltage 2
VIN
0.95
VCC-1
*1*5
V
Output Voltage
IO
-
BD3540NUV
BD3541NUV
A
0.5
1.0
PGOOD Input Voltage
VPGOOD
-0.3
5.5
V
Output Voltage Setting Range
Vo
VFB
2.7
V
Enable Input Voltage
Ven
0
5.5
V
*5 VCC and VIN do not have to be implemented in the order listed.
*This product is not designed for use in radioactive environments.
Attention : About this document
The official specification of this product (BD354XNUV) is the Japanese version.
This translation is intended only as a reference to understand the official version.
If there are any differences between the Japanese and this translated version, the official Japanese version takes priority.


同様の部品番号 - BD3540NUV

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
BD354 ETC-BD354 Datasheet
142Kb / 1P
   KREMIKOVE TRANZISTORY PRO VSEOBECNE POUZITI
logo
Shanghai Shunye Electro...
BD354N SHUNYE-BD354N Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
logo
Thinki Semiconductor Co...
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
BD354N THINKISEMI-BD354N Datasheet
1Mb / 3P
   35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
logo
Shanghai Shunye Electro...
BD354P SHUNYE-BD354P Datasheet
232Kb / 2P
   35 AMP BLOCK DIODES
More results

同様の説明 - BD3540NUV

メーカー部品番号データシート部品情報
logo
Rohm
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
Integrated Device Techn...
ICS954127BF IDT-ICS954127BF Datasheet
57Kb / 1P
   Desktop Chipsets
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
ADM9264 AD-ADM9264_15 Datasheet
189Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com