データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0168A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA0168A
部品情報  SAW Filter 163 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0168A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0168A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0168A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0168A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0168A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0168A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 163 MHz
MODEL NO.: TA0168A
Rev. No.:2
A. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC voltage: 10 V
3. Operating Temperature: -10
°C to +50°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL SPECIFICATION:
Characteristics
Specification
Note
Center frequency, FC (MHz)
163
1
Insertion Loss, I.L. (Within FC± 4 MHz)
(dB)
6.5 Max.
1
Amplitude Ripple, A.R. (Within FC± 4 MHz)
(dB)
2.1 Max.
Attenuation: (Reference level from 0 dB)
(dB)
FC - 100MHz to -38.8MHz
(dB)
50 Min.
1
FC +38.8MHz to + 100MHz (dB)
42 Min.
Impedance at FC ; Input
ZIN =RIN//CIN
390
Ω // 300 pF
2
Output ZOUT =ROUT//COUT
1164
Ω // 374 pF
2
Note1. The standard definitions is in JIS C 6703
Note2.
ZIN=390Ω // 300pF
ZOUT=1164Ω // 374pF
Source im pedance
50
Load impedance
50
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA0168A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA0168A GOLLEDGE-TA0168A Datasheet
108Kb / 4P
   SAW Filter 163MHz
More results

同様の説明 - TA0168A

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
SF2320C MURATA-SF2320C Datasheet
239Kb / 4P
   163 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0276A TAI-SAW-TB0276A Datasheet
333Kb / 6P
   SAW Filter 163 MHz SMD 5.0x7.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com