データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V7855-DPK データシート(PDF) 6 Page - Integrated Device Technology

部品番号 5V7855-DPK
部品情報  EEPROM Programmable PLL Die for LVCMOS Crystal Oscillator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V7855-DPK データシート(HTML) 6 Page - Integrated Device Technology

Back Button 5V7855-DPK Datasheet HTML 2Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 3Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 4Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 5Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 6Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 7Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 8Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 9Page - Integrated Device Technology 5V7855-DPK Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IDT5V7855-DPK REVISION A MARCH 11, 2010
6
©2010 Integrated Device Technology, Inc.
IDT5V7855 Data Sheet
EEPROM PROGRAMMABLE PLL DIE FOR LVCMOS CRYSTAL OSCILLATOR
Programming Instructions
The IDT5V7855 registers, along with some control functions, are
written and the EEPROM burned through a serial write using the
CONT and OUT pins. During the programming the CONT pin
functions as a Data input while the OUT pin functions as a Clock
input. The data registers are not addressed individually but are all
written sequentially with the most significant bit first. All registers
must be written when programming the device. The order of registers
/ control bits and the number of bits per register are:
9 bits
Tuning Capacitor Register T[8:0]
19 bits
Fractional Multiplier Register M[18:0]
3 bits
Prescaler Register P[2:0]
3 bits
Factory Test Mode Register F[2:0]
1 bit
PLL Bypass Mode (0 = crystal oscillator connected directly to output divider, 1 = PLL used)
1 bit
Power Down Control (0 = CONT acts as an output enable, 1 = CONT acts as power down)
1 bit
Output Enable Type (0 = synchronous output enable, 1 = asynchronous output enable)
7 bits
Output Divider Register D[6:0]
Table 3E. Register Table
Register
Name
Tuning
Capacitor
Fractional
Multiplier
Prescaler
(P)
Factory Test
Mode
PLL
Mode
Power Down
Control
Output Enable
Control
Output
Divider
# of Bits
9-bit
19-bit
3-bit
3-bit
1-bit
1-bit
1-bit
7-bit
Symbol
T[8:0]
M[18:0]
P[2:0]
F[2:0]
D[6:0]


同様の説明 - 5V7855-DPK

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY2037 CYPRESS-CY2037_08 Datasheet
264Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037 Datasheet
86Kb / 7P
   High Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_09 Datasheet
276Kb / 11P
   High-Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2037 CYPRESS-CY2037_07 Datasheet
284Kb / 10P
   High - Accuracy EPROM Programmable PLL Die for Crystal Oscillators
CY2048WAF CYPRESS-CY2048WAF Datasheet
79Kb / 7P
   Flash Programmable Capacitor Tuning Array Die for Crystal Oscillator(XO)
logo
Epson Company
SG-8003CE-SCM EPSON-SG-8003CE-SCM Datasheet
535Kb / 2P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Abracon Corporation
AP2S ABRACON-AP2S Datasheet
1Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
AP3S ABRACON-AP3S Datasheet
3Mb / 2P
   PROGRAMMABLE CRYSTAL OSCILLATOR
3.5.07
logo
EPCOS
SG-8002CA-PCM EPCOS-SG-8002CA-PCM Datasheet
516Kb / 5P
   CRYSTAL OSCILLATOR PROGRAMMABLE
logo
Renesas Technology Corp
IDT5T9890 RENESAS-IDT5T9890 Datasheet
496Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com