データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0524A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA0524A
部品情報  SAW Filter 499.25 MHz SMD 5X5 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0524A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0524A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0524A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0524A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0524A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0524A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0524A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 499.25 MHz
MODEL NO.: TA0524A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -20
°C to +70°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fo
MHz
-
499.25
-
Insertion loss at Fo
IL
dB
-
2.2
5
Amplitude Ripple (Peak to adjacent valley,
499.25 +/- 0.5 MHz)
dB
-
0.3
0.75
Attenuation (Reference level from 0 dB)
Fo ± 6
MHz
dB
8
18
-
Fo ± 12
MHz
dB
28
38
-
Fo ± 18
MHz
dB
45
50
-
Fo ± 50
MHz
dB
40
52
-
50 ~ 300
MHz
dB
35
55
-
750 ~ 1000 MHz
dB
30
36
-
Input/Output Return Loss @ 499.25 MHz
dB
9
15
-
Source impedance
Zs
-
75
-
Load impedance
ZL
-
75
-
Temperature Coefficient
ppm/℃
-
-36
-
C. MEASUREMENT CIRCUIT:
75Ω
HP Network analyzer
75Ω
SAW Filter
2
6
1,3,4 ,5,7 ,8
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA0524A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA0524A GOLLEDGE-TA0524A Datasheet
150Kb / 5P
   SAW Filter 499.25 MHz SMD 5X5 mm
More results

同様の説明 - TA0524A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MA09431 GOLLEDGE-MA09431 Datasheet
150Kb / 5P
   SAW Filter 499.25 MHz SMD 5X5 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TB0237A TAI-SAW-TB0237A Datasheet
480Kb / 5P
   SAW Filter 402.7 MHz SMD 5x5 mm
TA0822A TAI-SAW-TA0822A Datasheet
275Kb / 8P
   SAW Filter 757.5 MHz SMD 5X5 mm
TA0823A TAI-SAW-TA0823A Datasheet
276Kb / 8P
   SAW Filter 787.5 MHz SMD 5X5 mm
TA0575A TAI-SAW-TA0575A Datasheet
277Kb / 6P
   SAW Filter 188.175 MHz SMD 5X5 mm
TA0694A TAI-SAW-TA0694A Datasheet
295Kb / 6P
   SAW Filter 862.5 MHz SMD 5X5 mm
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
TA0574A TAI-SAW-TA0574A Datasheet
278Kb / 6P
   SAW Filter 180.175 MHz SMD 5X5 mm
logo
Murata Manufacturing Co...
SF1080A MURATA-SF1080A Datasheet
150Kb / 3P
   499.25 MHz SAW Filter
logo
RF Monolithics, Inc
SF1146B RFM-SF1146B Datasheet
121Kb / 3P
   499.25 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com