データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA0574A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA0574A
部品情報  SAW Filter 180.175 MHz SMD 5X5 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0574A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0574A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0574A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0574A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0574A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0574A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0574A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 180.175 MHz
MODEL NO.: TA0574A
REV. NO.: 1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -25
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Specification
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
180.175
-
Insertion Loss
ILmin (reference level)
dB
-
1.55
2.8
Bandwidth
BW-3dB
MHz
6
8.9
-
Absolute Attenuation(reference to ILmindB)
Fc
-50 ~ Fc-30
MHz
dB
42
55
-
Fc
-30 ~ Fc-15
MHz
dB
36
52
-
Fc+30 ~ Fc+100
MHz
dB
42
46
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value of
the upper and lower frequencies at the 3dB filter attenuation level relative to the ILmin.
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA0574A

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
TA0574A GOLLEDGE-TA0574A Datasheet
135Kb / 5P
   SAW Filter 180.1750MHz
More results

同様の説明 - TA0574A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TB0237A TAI-SAW-TB0237A Datasheet
480Kb / 5P
   SAW Filter 402.7 MHz SMD 5x5 mm
TA0822A TAI-SAW-TA0822A Datasheet
275Kb / 8P
   SAW Filter 757.5 MHz SMD 5X5 mm
TA0823A TAI-SAW-TA0823A Datasheet
276Kb / 8P
   SAW Filter 787.5 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
MA09431 GOLLEDGE-MA09431 Datasheet
150Kb / 5P
   SAW Filter 499.25 MHz SMD 5X5 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TA0575A TAI-SAW-TA0575A Datasheet
277Kb / 6P
   SAW Filter 188.175 MHz SMD 5X5 mm
TA0694A TAI-SAW-TA0694A Datasheet
295Kb / 6P
   SAW Filter 862.5 MHz SMD 5X5 mm
TA0524A TAI-SAW-TA0524A Datasheet
341Kb / 6P
   SAW Filter 499.25 MHz SMD 5X5 mm
TA0192A TAI-SAW-TA0192A Datasheet
247Kb / 6P
   SAW Filter 426.1 MHz SMD 5X5 mm
TA0574B TAI-SAW-TA0574B Datasheet
212Kb / 6P
   SAW Filter 180.175 MHz
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com